Electronic Components Datasheet Search
  English  ▼

X  

UM1545 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 43Page - STMicroelectronics UM1545 Datasheet HTML 44Page - STMicroelectronics UM1545 Datasheet HTML 45Page - STMicroelectronics UM1545 Datasheet HTML 46Page - STMicroelectronics UM1545 Datasheet HTML 47Page - STMicroelectronics UM1545 Datasheet HTML 48Page - STMicroelectronics UM1545 Datasheet HTML 49Page - STMicroelectronics UM1545 Datasheet HTML 50Page - STMicroelectronics UM1545 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
UM1545
Audio processor configuration file
Doc ID 023225 Rev 1
47/64
Reg[26h] = 00h ## Coefficient Write Control
Reg[27h] = 1Ah ## Max Power Correction Config Msb
Reg[28h] = C0h ## Max Power Correction Config Lsb
Reg[29h] = F3h ## Variable Distortion Compensation Msb
Reg[2Ah] = 33h ## Variable Distortion Compensation Lsb
Reg[2Bh] = 00h ## Fault Detect Recovery Bits Msb
Reg[2Ch] = 0Ch ## Fault Detect Recovery Bits Lsb
Reg[2Dh] = 7Fh ## Device Status
Reg[2Eh] = 00h ## Bist Activate
Reg[2Fh] = 00h ## Bist End
Reg[30h] = 00h ## Bist Bad
Reg[31h] = 00h ## EQ Coeff and DRC Configuration
Reg[32h] = 30h ## Limiter 1 Ext.Attack Threshold
Reg[33h] = 30h ## Limiter 1 Ext.Release Threshold
Reg[34h] = 30h ## Limiter 2 Ext.Attack Threshold
Reg[35h] = 30h ## Limiter 2 Ext.Release Threshold
Reg[36h] = 00h ## Extended Configuraton Register
Reg[37h] = 00h ## EQ Soft Volume Config (fade-in)
Reg[38h] = 00h ## EQ Soft Volume Config (fade-out)
Reg[39h] = 01h ## DRC RMS Filter Coefficient C0 Bits 25..16
Reg[3Ah] = EEh ## DRC RMS Filter Coefficient C0 Bits 15..8
Reg[3Bh] = FFh ## DRC RMS Filter Coefficient C0 Bits 7..0
Reg[3Ch] = 7Eh ## DRC RMS Filter Coefficient C1 Bits 25..16
Reg[3Dh] = C0h ## DRC RMS Filter Coefficient C1 Bits 15..8
Reg[3Eh] = 26h ## DRC RMS Filter Coefficient C1 Bits 7..0
Reg[3Fh] = 00h ## Reserved
################# FFX coefficients ##################
Coef[000h] = 000000h ## Coefficient 0x00 - C1H10 (b1/2)
Coef[001h] = 000000h ## Coefficient 0x01 - C1H11 (b2)
Coef[002h] = 000000h ## Coefficient 0x02 - C1H12 (a1/2)
Coef[003h] = 000000h ## Coefficient 0x03 - C1H13 (a2)
Coef[004h] = 400000h ## Coefficient 0x04 - C1H14 (b0/2)
Coef[005h] = 000000h ## Coefficient 0x05 - C1H20 (b1/2)
Coef[006h] = 000000h ## Coefficient 0x06 - C1H21 (b2)
Coef[007h] = 000000h ## Coefficient 0x07 - C1H22 (a1/2)
Coef[008h] = 000000h ## Coefficient 0x08 - C1H23 (a2)
Coef[009h] = 400000h ## Coefficient 0x09 - C1H24 (b0/2)
Coef[00Ah] = 000000h ## Coefficient 0x0A - C1H30 (b1/2)
Coef[00Bh] = 000000h ## Coefficient 0x0B - C1H31 (b2)
Coef[00Ch] = 000000h ## Coefficient 0x0C - C1H32 (a1/2)
Coef[00Dh] = 000000h ## Coefficient 0x0D - C1H33 (a2)
Coef[00Eh] = 400000h ## Coefficient 0x0E - C1H34 (b0/2)
Coef[00Fh] = 000000h ## Coefficient 0x0F - C1H40 (b1/2)
Coef[010h] = 000000h ## Coefficient 0x10 - C1H41 (b2)
Coef[011h] = 000000h ## Coefficient 0x11 - C1H42 (a1/2)
Coef[012h] = 000000h ## Coefficient 0x12 - C1H43 (a2)
Coef[013h] = 400000h ## Coefficient 0x13 - C1H44 (b0/2)
Coef[014h] = 000000h ## Coefficient 0x14 - C2H10 (b1/2)
Coef[015h] = 000000h ## Coefficient 0x15 - C2H11 (b2)
Coef[016h] = 000000h ## Coefficient 0x16 - C2H12 (a1/2)
Coef[017h] = 000000h ## Coefficient 0x17 - C2H13 (a2)
Coef[018h] = 400000h ## Coefficient 0x18 - C2H14 (b0/2)
Coef[019h] = 000000h ## Coefficient 0x19 - C2H20 (b1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com