Electronic Components Datasheet Search
  English  ▼

X  

UM1545 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 8Page - STMicroelectronics UM1545 Datasheet HTML 9Page - STMicroelectronics UM1545 Datasheet HTML 10Page - STMicroelectronics UM1545 Datasheet HTML 11Page - STMicroelectronics UM1545 Datasheet HTML 12Page - STMicroelectronics UM1545 Datasheet HTML 13Page - STMicroelectronics UM1545 Datasheet HTML 14Page - STMicroelectronics UM1545 Datasheet HTML 15Page - STMicroelectronics UM1545 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
APW walkthrough
UM1545
12/64
Doc ID 023225 Rev 1
2
APW walkthrough
2.1
Introduction
This chapter will guide the user through many of the controls and features offered by the
APWorkbench. Before proceeding with the following paragraphs an important concept has
to be clarified. For each supported device, the APW has an internal registers bank and a
coefficients bank (which will be referred to from now on as local banks), that reproduce the
banks contained in the device (which will be referred to from now on as device banks). It is
up to the user to decide how to handle the local and the device banks by setting the Auto
Apply and the Auto Retrieve preferences. The consequences and the advantages of these
choices will be thoroughly explained in Section 2.2: Preferences. Please note that the
registers bank and the coefficients bank contain all the information needed to completely
describe the device setup. Nevertheless, the APW also uses a third structure called filter
bank. Starting from the filter’s coefficients, this bank stores the filter’s setup in terms of each
filter’s qualitative parameters (gain, cutoff frequency, filter type, etc…). From now on the
ensemble of the registers bank, coefficients bank and the derived filters bank will be
considered and referred to as the device configuration.
2.2
Preferences
The Preferences dialog allows customizing the behavior of the APW in order to fit the needs
of every user. Select the Tools menu and left click on Preferences to show the dialog
(Figure 6).
The dialog should appear as shown in Figure 7. It can be divided into three main areas. The
left top side of the dialog groups all the controls concerning the tracing preferences
(highlighted in red).
Figure 6.
Tools menu, preferences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com