Electronic Components Datasheet Search
  English  ▼

X  

UM1545 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 20Page - STMicroelectronics UM1545 Datasheet HTML 21Page - STMicroelectronics UM1545 Datasheet HTML 22Page - STMicroelectronics UM1545 Datasheet HTML 23Page - STMicroelectronics UM1545 Datasheet HTML 24Page - STMicroelectronics UM1545 Datasheet HTML 25Page - STMicroelectronics UM1545 Datasheet HTML 26Page - STMicroelectronics UM1545 Datasheet HTML 27Page - STMicroelectronics UM1545 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
APW walkthrough
UM1545
24/64
Doc ID 023225 Rev 1
Please note that when moving the mouse pointer to design a graph, the corresponding filter
coefficients are continuously computed and applied to the device according to the
preferences applied that will be discussed below. Also, the qualitative parameters of the filter
(Figure 21, highlighted in blue) are coherently updated.
Figure 21.
Equalizer Editor tab, the upper part (graphing and design tools)
To design a filter by defining its qualitative parameters, follow the procedure below:
1.
Select the kind of filter to be designed by pressing the appropriate button on the right
side of the graph. It is also possible to select which biquadratic filter of the DUT to write
in (Figure 21, highlighted in red).
2.
Enter the desired parameters in their corresponding fields on the right side of the graph
(Figure 21, highlighted in blue), then hit the “Enter” key to change the focus from the
input field to another control of the panel.
3.
The graph is immediately plotted, the filter coefficients are computed and they are
applied to the device according to the apply option that will be discussed later on in this
section.
It is important to point out that one filter design method does not exclude another. Indeed, it
is possible either to modify the qualitative parameters of a filter designed starting from a
desired graph or to adjust the filter graph generated from a set of qualitative parameters.
Whichever is the design method applied, the hexadecimal values of the computed
coefficients are displayed in the area highlighted in green in Figure 21. When changing the
selected biquadratic filter, the table of coefficients is updated coherently.
Regardless of the filter design approach, the APW also embeds a set of controls to protect
the user’s hearing and the audio equipment from unpleasant effects when designing a filter:
●
Single filter gain limitation: the gain applicable with a single filter can be set between a
range varying from +15 dB to -30 dB. This range is fixed and cannot be changed. The
limits of this range are marked on the graph with a red line as shown in Figure 21. If a
higher gain is desired, this limitation can be bypassed using a chain of two or more
filters.
●
Auto-scaler: APW offers also the possibility of limiting the overall maximum positive
gain applicable with any chain of filters. This is done by enabling the Enable auto-scaler
checkbox. This feature automatically computes the difference between the overall filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com