Electronic Components Datasheet Search
  English  ▼

X  

UM1545 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 15Page - STMicroelectronics UM1545 Datasheet HTML 16Page - STMicroelectronics UM1545 Datasheet HTML 17Page - STMicroelectronics UM1545 Datasheet HTML 18Page - STMicroelectronics UM1545 Datasheet HTML 19Page - STMicroelectronics UM1545 Datasheet HTML 20Page - STMicroelectronics UM1545 Datasheet HTML 21Page - STMicroelectronics UM1545 Datasheet HTML 22Page - STMicroelectronics UM1545 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
UM1545
APW walkthrough
Doc ID 023225 Rev 1
19/64
2.4
Registers Bank
Figure 15.
Registers Bank tab
The Registers Bank tab offers the user direct access to the device I2C registers (Figure 15).
The panel is mainly occupied by the list of the device registers. From the left column to the
rightmost one, the list offers the following information:
●
Register description: the register extended name
●
Address: the register address (in hexadecimal notation)
●
Data: the actual value of the register (in hexadecimal notation)
●
R/W: register access type (if read/write or read only). Read-only or reserved registers
are displayed in grey.
●
Default (the register defaults are defined according to the device datasheet)
As additional information, the list of registers highlights in violet every register whose value
in the local bank is not aligned with the value stored in the device bank, thus allowing to
visualize all the modifications applied only the to local bank. Figure 16 shows an example of
this feature. A small reminder of the colors and their meanings is provided in the bottom
right corner of the panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com