Electronic Components Datasheet Search
  English  ▼

X  

UM1545 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 14Page - STMicroelectronics UM1545 Datasheet HTML 15Page - STMicroelectronics UM1545 Datasheet HTML 16Page - STMicroelectronics UM1545 Datasheet HTML 17Page - STMicroelectronics UM1545 Datasheet HTML 18Page - STMicroelectronics UM1545 Datasheet HTML 19Page - STMicroelectronics UM1545 Datasheet HTML 20Page - STMicroelectronics UM1545 Datasheet HTML 21Page - STMicroelectronics UM1545 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
APW walkthrough
UM1545
18/64
Doc ID 023225 Rev 1
2.3
Operations logging
Figure 14.
Real-time logger window
The APW offers the possibility of logging many of the events generated through its controls.
These logs are automatically saved to a file named debug.log that can be found in the
APWorkbench/Log folder. Real-time logging is also possible. By clicking on the Logs Viewer
button (Figure 39) the logs viewer window will pop up and show different events in different
colors as they are generated (Figure 14). Right-clicking on the log window will allow the user
to copy, select, clear or save the log. Through the preferences customization, the user can
choose in detail which events to log (see Section 2.2: Preferences). Using the controls
placed on the top margin of the Logs Viewer window, the user can also choose between
(from the left to the right most control): keep on top the logger, to add a note in the logs or to
add an extra "#" break line. Please note that the operations regarding the I2C register are
logged both in hexadecimal and binary notation for easier interpretation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com