Electronic Components Datasheet Search
  English  ▼

X  

AN2511 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 7Page - STMicroelectronics AN2511 Datasheet HTML 8Page - STMicroelectronics AN2511 Datasheet HTML 9Page - STMicroelectronics AN2511 Datasheet HTML 10Page - STMicroelectronics AN2511 Datasheet HTML 11Page - STMicroelectronics AN2511 Datasheet HTML 12Page - STMicroelectronics AN2511 Datasheet HTML 13Page - STMicroelectronics AN2511 Datasheet HTML 14Page - STMicroelectronics AN2511 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
AN2511
PMBus commands and source code
Doc ID 13286 Rev 2
11/43
3
PMBus commands and source code
3.1
PMBus commands
The Part II - command language document of PMBus™ Power System Management
Protocol Specification v1.0 provides the list of PMBus commands. This driver supports the
following list of commands. For each command a table is given.
Table 1.
Operation
Command name
OPERATION
Command code
01h
Description
The OPERATION command is used to turn the
unit on and off in conjunction with the input from
the CONTROL (OUTEN) pin.
SMBus transaction type
Read/ Write byte
Number of data bytes
1
Table 2.
ON_OFF_CONFIG
Command name
ON_OFF_CONFIG
Command code
02h
Description
The ON_OFF_CONFIG command configures the
combination of CONTROL (OUTEN) pin input
and serial bus commands needed to turn the unit
on and off.
SMBus transaction type
Read/ Write byte
Number of data bytes
1
Table 3.
CLEAR_FAULTS
Command name
CLEAR_FAULTS
Command code
03h
Description
CLEAR_FAULTS is used to clear any fault bits
that have been set.
SMBus transaction type
Send byte
Number of data bytes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com