Electronic Components Datasheet Search
  English  ▼

X  

AN2511 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 12Page - STMicroelectronics AN2511 Datasheet HTML 13Page - STMicroelectronics AN2511 Datasheet HTML 14Page - STMicroelectronics AN2511 Datasheet HTML 15Page - STMicroelectronics AN2511 Datasheet HTML 16Page - STMicroelectronics AN2511 Datasheet HTML 17Page - STMicroelectronics AN2511 Datasheet HTML 18Page - STMicroelectronics AN2511 Datasheet HTML 19Page - STMicroelectronics AN2511 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
PMBus commands and source code
AN2511
16/43
Doc ID 13286 Rev 2
:
Description
The TOFF_DELAY sets the time, in ms, from
when a stop condition is received (CONTROL
signal negated or a valid OPERATION command
received) until the unit stops transferring energy
to the output.
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 21.
TOFF_FALL
Command name
TOFF_FALL
Command code
65h
Description
The TOFF_FALL sets the time, in ms, from the
end of the turnoff delay time until the voltage is
commanded to zero. Note that this command can
only be used with a device whose output can sink
enough current to cause the output voltage to
decrease at a controlled rate.
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 22.
STATUS_BYTE
Command name
STATUS_BYTE
Command code
78h
Description
The STATUS_BYTE command returns one byte
of information with a summary of the most critical
faults
SMBus transaction type
Read byte
Number of data bytes
1
Table 23.
STATUS_WORD
Command name
STATUS_WORD
Command code
79h
Description
The STATUS_WORD command returns two
bytes of information with a summary of the units
fault condition.
SMBus transaction type
Read word
Number of data bytes
2
Table 24.
STATUS_VOUT
Command name
STATUS_VOUT
Command code
7Ah
Description
The STATUS_VOUT commands returns one byte
with status information on Vout.
Table 20.
TOFF_DELAY (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com