Electronic Components Datasheet Search
  English  ▼

X  

AN2511 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 8Page - STMicroelectronics AN2511 Datasheet HTML 9Page - STMicroelectronics AN2511 Datasheet HTML 10Page - STMicroelectronics AN2511 Datasheet HTML 11Page - STMicroelectronics AN2511 Datasheet HTML 12Page - STMicroelectronics AN2511 Datasheet HTML 13Page - STMicroelectronics AN2511 Datasheet HTML 14Page - STMicroelectronics AN2511 Datasheet HTML 15Page - STMicroelectronics AN2511 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
PMBus commands and source code
AN2511
12/43
Doc ID 13286 Rev 2
Table 4.
RESTORE_DEFAULT_ALL
Command name
RESTORE_DEFAULT_ALL
Command code
12h
Description
The RESTORE_DEFAULT_ALL command
instructs the PMBus device to copy the entire
contents of the non-volatile default store memory
to the matching locations in the operating
memory. Any items in default store that do not
have matching locations in the operating memory
are ignored.
SMBus transaction type
Send byte
Number of data bytes
0
Table 5.
STORE_USER_ALL
Command name
STORE_USER_ALL
Command code
15h
Description
The STORE_USER_ALL command instructs the
PMBus device to copy the entire contents of the
operating memory to the matching locations in
the non-volatile user store memory. Any items in
operating memory that do not have matching
locations in the user store are ignored.
SMBus transaction type
Send byte
Number of data bytes
0
Table 6.
VOUT_MODE
Command name
VOUT_MODE
Command code
20h
Description
VOUT_MODE command, used for commanding
and reading output voltage, consists of a three bit
mode (only linear format is supported.) and a
five-bit parameter representing the exponent
used in output voltage Read/Writes.
SMBus transaction type
Read/ Write byte
Number of data bytes
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com