Electronic Components Datasheet Search
  English  ▼

X  

AN2511 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 26Page - STMicroelectronics AN2511 Datasheet HTML 27Page - STMicroelectronics AN2511 Datasheet HTML 28Page - STMicroelectronics AN2511 Datasheet HTML 29Page - STMicroelectronics AN2511 Datasheet HTML 30Page - STMicroelectronics AN2511 Datasheet HTML 31Page - STMicroelectronics AN2511 Datasheet HTML 32Page - STMicroelectronics AN2511 Datasheet HTML 33Page - STMicroelectronics AN2511 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Using the demonstration board
AN2511
30/43
Doc ID 13286 Rev 2
6
Using the demonstration board
After installing the setup as explained in Section 1, the following message appears in
hyperterminal.
Figure 9.
Hyperterminal message to show company name and selection of
communication speed
If there is any problem in getting the message, press the switch provided in the
demonstration board. This switch re-starts the application.
6.1
Normal operation
The following sections explain how to initiate PMBus communication and how to read/ write
PMBus commands with hyperterminal.
6.1.1
Selection of communication speed
After the message appears as shown in Figure 9, the user should enter 1 or 2 to select the
PMBus communication speed as 100 kHz or 400 kHz respectively. The default speed value
selected is 100 kHz.
If the user enters any other value other than 1 and 2, the previous speed value is retained.
6.1.2
Selection of packet error checking
After the message appears as shown in Figure 10, the user should enter 1 or 2 to enable
PEC and disable PEC respectively. If PEC is enabled, all address, command code and data
communications are checked through CRC-8 check. The default PEC value is PEC
disabled.
If the user enters any other value other than 1 and 2, the previous speed value is retained.
Figure 10.
PEC selection
6.1.3
Selection of slave address
The user should enter the slave address of the PMBus device. The slave address should be
in hexadecimal format. The slave addresses of different competitor’s module are given
below. Artesyn DPL20C module: 0x30 SiLabs Si8250-TB module : 0x80.
The slave address could change from one device to another device. The user must refer to
the product datasheet and development kit documents to decide on the slave address. An
example entry of slave address with Artesyn DPL20C module is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com