Electronic Components Datasheet Search
  English  ▼

X  

AN2511 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 21Page - STMicroelectronics AN2511 Datasheet HTML 22Page - STMicroelectronics AN2511 Datasheet HTML 23Page - STMicroelectronics AN2511 Datasheet HTML 24Page - STMicroelectronics AN2511 Datasheet HTML 25Page - STMicroelectronics AN2511 Datasheet HTML 26Page - STMicroelectronics AN2511 Datasheet HTML 27Page - STMicroelectronics AN2511 Datasheet HTML 28Page - STMicroelectronics AN2511 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
AN2511
PMBus interfacing results
Doc ID 13286 Rev 2
25/43
4.2
Interfacing with SiLabs module
The following table shows the different PMBus commands and ST demonstration board
results compared to Silicon Labs Si8250 - TB module.
78
STATUS_BYTE
Read byte
1
41
41
79
STATUS_WORD
Read word
2
00 41
00 41
7A
STATUS_VOUT
Read byte
1
00
00
7B
STATUS_IOUT
Read byte
1
00
00
7D
STATUS_TEMPERATU
RE
Read byte
1
00
00
80
STATUS_MFR_SPECI
FIC
Read byte
1
02
02
8B
READ_VOUT
Read word
2
00 01
00 01
8C
READ_IOUT
Read word
2
D7 C3
D7 C3
8D
READ_TEMPERATURE
Read word
2
00 20
00 1D
98
PMBUS_REVISION
Read byte
1
01
01
99
MFR_ID
Read block
7
41 52 54 45
53 59 4E
41 52 54
45 53 59
4E
9A
MFR_MODEL
Read block
6
44 50 4C 32
30 43
44 50 4C
32 30 43
9B
MFR_REVISION
Read/ write block
2
31 02
31 41
9C
MFR_LOCATION
Read/ write block
2
5A 02
5A 53
9D
MFR_DATE
Read/ write block
6
32 34 30 33
36 06
32 34 30
33 36 36
9E
MFR_SERIAL
Read/ write block
6
31 32 33 34
35 06
31 32 33
34 35 36
D0
MFR_SPECIFIC_00
Read byte
1
28
28
D1
MFR_SPECIFIC_01
Read byte
1
10
10
D2
MFR_SPECIFIC_02
Read byte
1
0A
0A
Table 41.
PMBus interfacing with Artesyn module: results (continued)
Command
code
PMBus command
SMBus transaction
type
Number
of data
bytes
Data
(Si8250)
Data
(ST7)
Table 42.
PMBus interfacing with SiLabs module: results
Command
code
PMBus command
SMBus transaction
type
Number
of data
bytes
Data
(Si8250)
Data
(ST7)
01
OPERATION
Read/ write byte
1
C0
C0
02
ON_OFF_CONFIG
Read/ write byte
1
1E
1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com