Electronic Components Datasheet Search
  English  ▼

X  

AN2511 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 14Page - STMicroelectronics AN2511 Datasheet HTML 15Page - STMicroelectronics AN2511 Datasheet HTML 16Page - STMicroelectronics AN2511 Datasheet HTML 17Page - STMicroelectronics AN2511 Datasheet HTML 18Page - STMicroelectronics AN2511 Datasheet HTML 19Page - STMicroelectronics AN2511 Datasheet HTML 20Page - STMicroelectronics AN2511 Datasheet HTML 21Page - STMicroelectronics AN2511 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
PMBus commands and source code
AN2511
18/43
Doc ID 13286 Rev 2
Table 27.
STATUS_MFR_SPECIFIC
Command name
STATUS_MFR_SPECIFIC
Command code
80h
Description
STATUS_MFR_SPECIFIC commands returns
one byte with the manufacturer specific status
information.
SMBus transaction type
Read byte
Number of data bytes
1
Table 28.
READ_VOUT
Command name
READ_VOUT
Command code
8Bh
Description
The READ_VOUT command returns the actual
measured output voltage in the same format as
set by the VOUT_MODE command.
SMBus transaction type
Read word
Number of data bytes
2
Table 29.
READ_IOUT
Command name
READ_IOUT
Command code
8Ch
Description
The READ_IOUT command returns the
measured output current in amperes.
SMBus transaction type
Read word
Number of data bytes
2
Table 30.
READ_TEMPERATURE
Command name
READ_TEMPERATURE
Command code
8Dh
Description
Up to three temperature readings can be
returned for each device.
SMBus transaction type
Read word
Number of data bytes
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com