Electronic Components Datasheet Search
  English  ▼

X  

AN2511 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 15Page - STMicroelectronics AN2511 Datasheet HTML 16Page - STMicroelectronics AN2511 Datasheet HTML 17Page - STMicroelectronics AN2511 Datasheet HTML 18Page - STMicroelectronics AN2511 Datasheet HTML 19Page - STMicroelectronics AN2511 Datasheet HTML 20Page - STMicroelectronics AN2511 Datasheet HTML 21Page - STMicroelectronics AN2511 Datasheet HTML 22Page - STMicroelectronics AN2511 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
AN2511
PMBus commands and source code
Doc ID 13286 Rev 2
19/43
Table 31.
PMBUS_REVISION
Command name
PMBUS_REVISION
Command code
98h
Description
PMBUS_REVISION command stores or reads
the revision of the PMBus to which the device is
compliant.
SMBus transaction type
Read byte
Number of data bytes
1
Table 32.
MFR_ID
Command name
MFR_ID
Command code
99h
Description
The MFR_ID commands loads the unit with
ASCII characters that contain the manufacturer's
ID (name, abbreviation or symbol that identifies
the unit's manufacturer). This is typically only
done once at the time of manufacture.
SMBus transaction type
Read/Write block
Number of data bytes
7
Table 33.
MFR_MODEL
Command name
MFR_MODEL
Command code
9Ah
Description
The MFR_MODEL command loads the unit with
ASCII characters that contain the manufacturer's
model number. This is typically done once at the
time of manufacture.
SMBus transaction type
Read/Write block
Number of data bytes
6
Table 34.
MFR_REVISION
Command name
MFR_REVISION
Command code
9Bh
Description
The MFR_REVISION command loads the unit
with ASCII characters that contain the
manufacturer's revision number. This is typically
done once at the time of manufacture.
SMBus transaction type
Read/Write block
Number of data bytes
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com