Electronic Components Datasheet Search
  English  ▼

X  

AN2511 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 23Page - STMicroelectronics AN2511 Datasheet HTML 24Page - STMicroelectronics AN2511 Datasheet HTML 25Page - STMicroelectronics AN2511 Datasheet HTML 26Page - STMicroelectronics AN2511 Datasheet HTML 27Page - STMicroelectronics AN2511 Datasheet HTML 28Page - STMicroelectronics AN2511 Datasheet HTML 29Page - STMicroelectronics AN2511 Datasheet HTML 30Page - STMicroelectronics AN2511 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
AN2511
PMBus demonstration board
Doc ID 13286 Rev 2
27/43
5
PMBus demonstration board
To show the features of the ST7 I2C working as a PMBus, a demonstration board is
available on request. Please contact the nearest ST office to get this board. The evaluation
board has an ST72F264G1 MCU that has 4 KBytes Flash memory. All PMBus
functionalities are not shown, as this evaluation board has hyperterminal interface which
requires lot of messages to be stored in program memory.
5.1
System requirements
In order to use the PMBus demonstration board with the Windows operating system. The
PC should support hyperterminal software and RS232 communication using DB9
connector.
5.2
Software setup
To configure the PC hyperterminal software, the user should follow the steps as mentioned
below.
1.
Click on Start -> Programs -> Accessories -> Communications -> HyperTerminal
as shown below.
Figure 6.
PC hyperterminal application
2.
Select the correct port in which RS232 (9-pin cable) is connected (refer to Section 3).
3.
Configure the following baud rate (bits per second) in hyperterminal: File -> Properties
-> Connect to -> Configure. If the user configures any baud rate other than 38400,
then RS232 communication fails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com