Electronic Components Datasheet Search
  English  ▼

X  

AN1330 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 8Page - STMicroelectronics AN1330 Datasheet HTML 9Page - STMicroelectronics AN1330 Datasheet HTML 10Page - STMicroelectronics AN1330 Datasheet HTML 11Page - STMicroelectronics AN1330 Datasheet HTML 12Page - STMicroelectronics AN1330 Datasheet HTML 13Page - STMicroelectronics AN1330 Datasheet HTML 14Page - STMicroelectronics AN1330 Datasheet HTML 15Page - STMicroelectronics AN1330 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Closing the loop
AN1330
12/31
4
Closing the loop
Figure 9.
Block diagram of the loop
4.1
Error amplifier and compensation network
The output L-C filter of a step-down converter contributes with 180 degrees phase shift in
the control loop. For this reason a compensation network between the COMP pin and
GROUND is added. The simplest compensation network together with the equivalent circuit
of the error amplifier are shown in Figure 10. RC and CC introduce a pole and a zero in the
open loop gain. CP does not significantly affect system stability but it is useful to reduce the
noise of the COMP pin.
The transfer function of the error amplifier and its compensation network is:
Equation 2
Where Avo = Gm · Ro
A
0 s
()
A
V0
1s
+
R
c
C
c
•
•
()
•
s
2
R
0
•
C
0
C
p
+
() R
c
C
c
sR
0
C
c
•
R
0
C
0
C
p
+
() R
c
C
c
•
+
•
+
() 1
+
•
+
•
•
•
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com