Electronic Components Datasheet Search
  English  ▼

X  

AN1330 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 22Page - STMicroelectronics AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics AN1330 Datasheet HTML 25Page - STMicroelectronics AN1330 Datasheet HTML 26Page - STMicroelectronics AN1330 Datasheet HTML 27Page - STMicroelectronics AN1330 Datasheet HTML 28Page - STMicroelectronics AN1330 Datasheet HTML 29Page - STMicroelectronics AN1330 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Application ideas
AN1330
26/31
6
Application ideas
6.1
Positive buck-boost regulator
The device can be used to implement a step-up/down converter with a positive output
voltage. Figure 25 below shows the schematic diagram of this topology for an output voltage
of 12 V.
The input voltage can range from 5 V and 35 V. The output voltage is given by VO=VIN ·
D/(1-D), where D is duty cycle. The maximum output current is given by IOUT=1× (1-D). The
current capability is reduced by the term (1-D) and so, for example, with a duty cycle of 0.5,
the maximum output current deliverable to the load is 0.5 A. This is due to the fact that the
current flowing trough the internal power switch is delivered to the output only during the
OFF phase.
Figure 25.
Positive buck-boost regulator
6.2
Buck-boost regulator
In Figure 26, the schematic circuit for a standard buck-boost topology is shown. The output
voltage is given by VO = - VIN · D/(1-D). The maximum output current is equal to IOUT=1 · (1-
D), for the same reason as that of the up-down converter. An important thing to take into
account is that the ground pin of the device is connected to the negative output voltage.
Therefore, the device is subjected to a voltage equal to VIN-VO, that has to be lower than 36
V (the maximum operating input voltage).
Figure 26.
Buck-boost regulator
VIN=5V
C1
10uF
25V
Ceramic
D1
STPS2L25U
VCC
COMP
GND
OUT
FB
INH
SYNC
VREF
L5970
1
3
7
5
6
4
8
2
R3
4.7k
U1
L1
33uH
24k
2.7k
C3
22nF
3.3V
C4
100uF
16V
VOUT=12V/0.3A
C2
220pF
D2
STPS2L25U
M1
STN4NE03L
Vin=5V Vout=12V
Iout=0.3A
Efficiency=76%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com