Electronic Components Datasheet Search
  English  ▼

X  

AN1330 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 12Page - STMicroelectronics AN1330 Datasheet HTML 13Page - STMicroelectronics AN1330 Datasheet HTML 14Page - STMicroelectronics AN1330 Datasheet HTML 15Page - STMicroelectronics AN1330 Datasheet HTML 16Page - STMicroelectronics AN1330 Datasheet HTML 17Page - STMicroelectronics AN1330 Datasheet HTML 18Page - STMicroelectronics AN1330 Datasheet HTML 19Page - STMicroelectronics AN1330 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Closing the loop
AN1330
16/31
Figure 12.
Phase plot
The cut-off frequency and the phase margin are:
Equation 16
F
C
22.8kHz
=
Phase margin = 39.8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com