Electronic Components Datasheet Search
  English  ▼

X  

AN1330 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 13Page - STMicroelectronics AN1330 Datasheet HTML 14Page - STMicroelectronics AN1330 Datasheet HTML 15Page - STMicroelectronics AN1330 Datasheet HTML 16Page - STMicroelectronics AN1330 Datasheet HTML 17Page - STMicroelectronics AN1330 Datasheet HTML 18Page - STMicroelectronics AN1330 Datasheet HTML 19Page - STMicroelectronics AN1330 Datasheet HTML 20Page - STMicroelectronics AN1330 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN1330
Application information
17/31
5
Application information
5.1
Component selection
●
Input capacitor
The input capacitor must be able to withstand the maximum input operating voltage and the
maximum RMS input current.
Since step-down converters draw current from the input in pulses, the input current is
squared and the height of each pulse is equal to the output current. The input capacitor has
to absorb all this switching current, which can be up to the load current divided by two (worst
case, with duty cycle of 50%). For this reason, the quality of these capacitors has to be very
high to minimize the power dissipation generated by the internal ESR, thereby improving
system reliability and efficiency. The critical parameter is usually the RMS current rating,
which must be higher than the RMS input current.
The maximum RMS input current (flowing through the input capacitor) is:
Equation 17
Where
η is the expected system efficiency, D is the duty cycle and IO the output DC current.
This function reaches its maximum value at D = 0.5 and the equivalent RMS current is equal
to IO divided by 2 (considering η = 1). The maximum and minimum duty cycles are:
Equation 18
Where VF is the freewheeling diode forward voltage and VSW the voltage drop across the
internal PDMOS. Considering the range DMIN to DMAX, it is possible to determine the max
IRMS going through the input capacitor. Capacitors that can be considered are:
–
Electrolytic capacitors: These are widely used due to their low price and their
availability in a wide range of RMS current ratings. The only drawback is that,
considering ripple current rating requirements, they are physically larger than
other capacitors.
–
Ceramic capacitors: If available for the required value and voltage rating, these
capacitors usually have a higher RMS current rating for a given physical dimension
(due to very low ESR). The drawback is the considerably high cost.
–
Tantalum capacitors: Good, small tantalum capacitors with very low ESR are
becoming more available. However, they can occasionally burn if subjected to very
high current during charge. Therefore, it is better to avoid this type of capacitor for
the input filter of the device. They can, however, be subjected to high surge current
when connected to the power supply.
●
Output capacitor
The output capacitor is very important to meet the output voltage ripple requirement.
Using a small inductor value is useful to reduce the size of the choke but it increases the
current ripple. So, to reduce the output voltage ripple, a low ESR capacitor is required.
I
RMS
I
O
D
2D
2
•
η
------------------
–
D
2
η
-------
+
•
=
D
MAX
V
OUT
V
F
+
V
INMIN
V
SW
–
----------------------------------------
=
D
MIN
V
OUT
V
F
+
V
INMAX
V
SW
–
-----------------------------------------
=
and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com