Electronic Components Datasheet Search
  English  ▼

X  

AN1330 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 18Page - STMicroelectronics AN1330 Datasheet HTML 19Page - STMicroelectronics AN1330 Datasheet HTML 20Page - STMicroelectronics AN1330 Datasheet HTML 21Page - STMicroelectronics AN1330 Datasheet HTML 22Page - STMicroelectronics AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics AN1330 Datasheet HTML 25Page - STMicroelectronics AN1330 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Application information
AN1330
22/31
Figure 14.
Short-circuit current (VIN = 25 V)
Figure 15.
Short-circuit current (VIN = 30 V)
In Figure 14 and Figure 15, for example, it can be observed that when the input voltage
increases for a given component list, the current peak increases also. The current limit is
immediately triggered but the current peak increases until the current ripple during the TOFF
is equal to the current ripple during the TON.
5.5
Application circuit
Figure 16 shows the demonstration board application circuit for the device in the SMD
version, where the input supply voltage, VCC, can range from 4.4 V to 25 V due to the rated
voltage of the input capacitor and the output voltage is adjustable from 1.235 V to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com