Electronic Components Datasheet Search
  English  ▼

X  

AN1330 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 20Page - STMicroelectronics AN1330 Datasheet HTML 21Page - STMicroelectronics AN1330 Datasheet HTML 22Page - STMicroelectronics AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics AN1330 Datasheet HTML 25Page - STMicroelectronics AN1330 Datasheet HTML 26Page - STMicroelectronics AN1330 Datasheet HTML 27Page - STMicroelectronics AN1330 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Application information
AN1330
24/31
Figure 18.
PCB layout (bottom side)
Figure 19.
PCB layout (front side)
Below, some graphs are provided which show the Tj versus output current in different input
and output voltage conditions, as well as some efficiency measurements.
AM00019v1
AM00020v1
Figure 20.
Junction temperature vs. output
current (VCC = 5 V)
Figure 21.
Junction temperature vs. output
current (VCC = 12 V)
20
30
40
50
60
70
80
90
100
110
120
130
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Io(A)
Tj(°C)
Vo=3.3V
Vo=2.5V
Vo=1.8V
Vcc=5V
Tamb=25°C
20
30
40
50
60
70
80
90
100
110
120
130
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Io(A)
Tj(°C)
Vo=5V
Vo=2.5V
Vo=3.3V
Vcc=12V
Tamb=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com