Electronic Components Datasheet Search
  English  ▼

X  

AN1330 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 15Page - STMicroelectronics AN1330 Datasheet HTML 16Page - STMicroelectronics AN1330 Datasheet HTML 17Page - STMicroelectronics AN1330 Datasheet HTML 18Page - STMicroelectronics AN1330 Datasheet HTML 19Page - STMicroelectronics AN1330 Datasheet HTML 20Page - STMicroelectronics AN1330 Datasheet HTML 21Page - STMicroelectronics AN1330 Datasheet HTML 22Page - STMicroelectronics AN1330 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
AN1330
Application information
19/31
5.2
Layout considerations
The layout of switching DC-DC converters is very important to minimize noise and
interference. Power-generating portions of the layout are the main cause of noise and so
high switching current loop areas should be kept as small as possible and lead lengths as
short as possible.
High impedance paths (in particular the feedback connections) are susceptible to
interference, so they should be as far as possible from the high current paths. A layout
example is provided in Figure 13 below.
The input and output loops are minimized to avoid radiation and high frequency resonance
problems. The feedback pin connections to the external divider are very close to the device
to avoid pick-up noise. Moreover the GND pin of the device is connected to the ground plane
directly with VIA on the bottom side of the PCB.
Figure 13.
Layout example
Coiltronics
UP1B
22 to 33
1 to 1.2
UP2B
33 to 47
1.7 to 2
BI
HM76-2
22 to 33
1 to 1.2
HM76-3
33 to 47
2 to 2.5
Murata
LQN6C
22 to 33
0.9 to 1.2
Panasonic
ELLATV
22 to 47
1.4 to 2.05
Sumida
CR75
22 to 33
1.2 to 1.5
Epcos
B82476
33 to 47
1.6 to 2
Wurth Elektronik
744561
33 to 47
1.6 to 2
Table 4.
Inductor selection (continued)
Manufacturer
Series
Inductor value (
µH)
Saturation current (A)
L5970
Cin
D
Cout
L
Inhibit signal
to output voltage
Vin
Vout
Gnd
R1
R2
1
4
5
8
VERY SMALL HIGH CURRENT
CIRCULATING PATH TO MINIMIZE
RADIATION AND HIGH FREQUENCY
RESONANCE PROBLEMS
OUTPUT CAPACITOR
DIRECTLY CONNECTED
TO HEAVY GROUND
COMPENSATION NETWORK FAR
FROM HIGH CURRENT PATHS
MINIMUN SIZE OF FEEDBACK
PIN CONNECTIONS TO AVOID
PICKUP
CONNECTION TO
GROUNDPLANE
THROUGH VIA
AM00012v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com