Electronic Components Datasheet Search
  English  ▼

X  

AN1330 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 16Page - STMicroelectronics AN1330 Datasheet HTML 17Page - STMicroelectronics AN1330 Datasheet HTML 18Page - STMicroelectronics AN1330 Datasheet HTML 19Page - STMicroelectronics AN1330 Datasheet HTML 20Page - STMicroelectronics AN1330 Datasheet HTML 21Page - STMicroelectronics AN1330 Datasheet HTML 22Page - STMicroelectronics AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Application information
AN1330
20/31
5.3
Thermal considerations
The dissipated power of the device is tied to three different sources:
●
switching losses due to the not negligible RDSON. These are equal to:
Equation 21
Where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT and VIN, but in practice it is substantially higher than this value to
compensate for the losses of the overall application. For this reason, the switching losses
related to the RDSON increase compared to an ideal case.
●
Switching losses due to turning ON and OFF. These are derived using the following
equation:
Equation 22
where TON and TOFF are the overlap times of the voltage across the power switch and the
current flowing into it during the turn ON and turn OFF phases. TSW is the equivalent
switching time.
●
Quiescent current losses.
Equation 23
Where IQ is the quiescent current.
●
Example:
–VIN = 5 V
–VOUT = 3.3 V
–IOUT = 1 A
RDSON has a typical value of 0.25 Ω @ 25 °C and increases up to a maximum value of 0.5 Ω
@ 150 °C. We can consider a value of 0.4
Ω.
TSW is approximately 120 ns. IQ has a typical value of 2.5 mA @ VIN = 12 V. The overall
losses are:
Equation 24
The junction temperature of the device will be:
Equation 25
where TA is the ambient temperature and RthJ-A is the thermal resistance junction-to-
ambient.
P
ON
R
DS on
()
I
OUT
()
2
•
D
•
=
P
SW
V
IN
I
OUT
•
T
ON
T
OFF
+
()
2
-----------------------------------------
•
F
SW
•
V
IN
I
OUT
•
T
SW
•
F
SW
•
==
P
Q
V
IN
I
Q
•
=
P
TOT
R
DSON
I
OUT
()
2
DV
IN
I
OUT
T
SW
F
SW
V
IN
I
Q
=
⋅
+
⋅⋅
⋅
+
⋅⋅
=
0.4 1
2
0.7
5 1 120 10
9
–
250 10
3
52.5 10
3
–
0.44W
≅
⋅⋅
+
⋅⋅
⋅
⋅
⋅
+
⋅⋅
T
J
T
A
Rth
JA
–
P
•
TOT
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com