Electronic Components Datasheet Search
  English  ▼

X  

AN1330 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics AN1330 Datasheet HTML 25Page - STMicroelectronics AN1330 Datasheet HTML 26Page - STMicroelectronics AN1330 Datasheet HTML 27Page - STMicroelectronics AN1330 Datasheet HTML 28Page - STMicroelectronics AN1330 Datasheet HTML 29Page - STMicroelectronics AN1330 Datasheet HTML 30Page - STMicroelectronics AN1330 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
AN1330
Application ideas
27/31
6.3
Dual output voltage with auxiliary winding
When two output voltages are required, it is possible to create a dual output voltage
converter by using a coupled inductor. During the ON phase, the current is delivered to
VOUT while D2 is reverse-biased.
During the OFF phase, the current is delivered through the auxiliary winding to the output
voltage VOUT1. This is possible only if the magnetic core has stored sufficient energy. So, to
be certain that the application is working properly, the load related to the second output
VOUT1 should be much lower than the load related to VOUT.
Figure 27.
Dual output voltage with auxiliary winding
6.4
Synchronization example
Two or more devices (up to 6) can be synchronized simply by connecting the
synchronization pins. In this case, the device with a slightly higher switching frequency value
will work as master and the ones with a slightly lower switching frequency values will work
as a slaves.
The device can also be synchronized from an external source. In this case the logic signal
must have a frequency higher than the internal switching frequency of the device (250 kHz).
Figure 28.
Synchronization example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com