Electronic Components Datasheet Search
  English  ▼

X  

AN2381 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 8Page - STMicroelectronics AN2381 Datasheet HTML 9Page - STMicroelectronics AN2381 Datasheet HTML 10Page - STMicroelectronics AN2381 Datasheet HTML 11Page - STMicroelectronics AN2381 Datasheet HTML 12Page - STMicroelectronics AN2381 Datasheet HTML 13Page - STMicroelectronics AN2381 Datasheet HTML 14Page - STMicroelectronics AN2381 Datasheet HTML 15Page - STMicroelectronics AN2381 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Digital interfaces
AN2381
12/47
4
Digital interfaces
The registers embedded inside the LIS3LV02DL may be accessed through I2C and SPI
serial interfaces. They are mapped onto the same pads. To select/exploit the I2C interface,
CS line must be tied high.
4.1
I2C Bus interface
The LIS3LV02DL I2C is a bus slave. The I2C is employed to write/read the data into/from the
registers.
The relevant I2C terminology is shown in Table 3:
There are two signals associated with the I2C bus: SCL and SDA.
These pins are described in the subsequent table:
SDA is a bidirectional line. Both SCL and SDA are connected to a positive supply voltage
via a pull-up resistor. When the bus is free both lines are HIGH.
Table 2.
I2C/SPI signals mapping
Pin Name
Description
CS
SPI chip select (CS)
I2C/SPI selector (1: I2C mode; 0: SPI enabled)
SCL/SPC
SPI CK line (SPC)
I2C clock line (SCL)
SDI/SDA/SDO
SPI data in (SDI)
I2C serial data (SDA)
SPI data out (SDO) -when in 3-wire mode-
SDO
SPI data out (SDO) -when not in 3-wire mode-
Table 3.
Terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates
a transfer
Slave
The device addressed by the master
Table 4.
I2C Pin Description
Term
Description
SCL
Serial CLock Line
SDA
Serial DAta Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com