Electronic Components Datasheet Search
  English  ▼

X  

AN2381 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 23Page - STMicroelectronics AN2381 Datasheet HTML 24Page - STMicroelectronics AN2381 Datasheet HTML 25Page - STMicroelectronics AN2381 Datasheet HTML 26Page - STMicroelectronics AN2381 Datasheet HTML 27Page - STMicroelectronics AN2381 Datasheet HTML 28Page - STMicroelectronics AN2381 Datasheet HTML 29Page - STMicroelectronics AN2381 Datasheet HTML 30Page - STMicroelectronics AN2381 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
AN2381
Registers Description
27/47
is performed until both upper and lower part of OUTX register are read. XOR is cleared
anytime OUTX_H register is read.
The ZYXDA bit signals that a new sample for all the enabled channels is available. ZYXDA
is cleared when the Most Significant part of all the enabled channels are read.
ZDA is set to 1 whenever a new acceleration sample related to the Z-axis is available. ZDA
is cleared anytime OUTZ_H register is read. In order to trigger, the ZDA bit requires the Z
axis to be enabled (bit Zen=1 inside CTRL_REG1).
YDA is set to 1 whenever a new acceleration sample related to the Y-axis is available. YDA
is cleared anytime OUTY_H register is read. In order to trigger, the YDA bit requires the Y
axis to be enabled (bit Yen=1 inside CTRL_REG1).
XDA is set to 1 whenever a new acceleration sample related to the X-axis is available. XDA
is cleared anytime OUTX_H register is read. In order to trigger, the XDA bit requires the X
axis to be enabled (bit Xen=1 inside CTRL_REG1).
5.3.3
OUTX_L (28h)
X-axis output register, less significant bits.
In Big Endian Mode (bit BLE in CTRL_REG2 set to ‘1’) the content of this register becomes
the Most Significant part of acceleration data and depends by bit DAS in CTRL_REG2
register.
5.3.4
OUTX_H (29h)
X-axis output register, most significant bits.
When reading the register in “12 bit right justified” mode (bit DAS in CTRL_REG2 register
set to 0) the most significant bits (7:4) are replaced with XD11 (i.e. XD15-XD12=XD11,
XD11, XD11, XD11).
In Big Endian Mode (bit BLE in CTRL_REG2 set to ‘1’) the content of this register becomes
the Less Significant part of acceleration data.
5.3.5
OUTY_L (2Ah)
Y-axis output register, less significant bits.
XD7
XD6
XD5
XD4
XD3
XD2
XD1
XD0
XD7, XD0
X axis acceleration data LSb (bit BLE in CTRL_REG2 register set to ‘0’)
XD15
XD14
XD13
XD12
XD11
XD10
XD9
XD8
XD15, XD8
X axis acceleration data MSb (bit BLE in CTRL_REG2 register set to ‘0’)
YD7
YD6
YD5
YD4
YD3
YD2
YD1
YD0
YD11, YD8
Y axis acceleration data LSb (bit BLE in CTRL_REG2 register set to ‘0’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com