Electronic Components Datasheet Search
  English  ▼

X  

AN2381 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 15Page - STMicroelectronics AN2381 Datasheet HTML 16Page - STMicroelectronics AN2381 Datasheet HTML 17Page - STMicroelectronics AN2381 Datasheet HTML 18Page - STMicroelectronics AN2381 Datasheet HTML 19Page - STMicroelectronics AN2381 Datasheet HTML 20Page - STMicroelectronics AN2381 Datasheet HTML 21Page - STMicroelectronics AN2381 Datasheet HTML 22Page - STMicroelectronics AN2381 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
AN2381
Registers Description
19/47
5
Registers Description
5.1
Registers Address Map
The table given below provides a listing of the registers embedded in the device and the
related address
.
Table 5.
Registers address map
Reg. Name
Type
Register Address
Default
Comment
Binary
Hex
000000 - 001110
00 - 0E
Reserved
WHO_AM_I
r
001111
0F
00111010
010000 - 010101
10 - 15
Reserved
OFFSET_X
rw
010110
16
Calibration
Loaded at boot
OFFSET_Y
rw
010111
17
Calibration
Loaded at boot
OFFSET_Z
rw
011000
18
Calibration
Loaded at boot
GAIN_X
rw
011001
19
Calibration
Loaded at boot
GAIN_Y
rw
011010
1A
Calibration
Loaded at boot
GAIN_Z
rw
011011
1B
Calibration
Loaded at boot
011100 -011111
1C-1F
Reserved
CTRL_REG1
rw
100000
20
111
CTRL_REG2
rw
100001
21
0
CTRL_REG3
rw
100010
22
100
HP_FILTER RESET
r
100011
23
dummy
Dummy register
0100100 - 0100110 24 - 26
Not Used
STATUS_REG
rw
100111
27
0
OUTX_L
r
101000
28
output
OUTX_H
r
101001
29
output
OUTY_L
r
101010
2A
output
OUTY_H
r
101011
2B
output
OUTZ_L
r
101100
2C
output
OUTZ_H
r
101101
2D
output
101110 - 101111
2E - 2F
Reserved
FF_WU_CFG
rw
110000
30
0
FF_WU_SRC
rw
110001
31
0
FF_WU_ACK
r
110010
32
dummy
Dummy register
110011
33
Not Used
FF_WU_THS_L
rw
110100
34
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com