Electronic Components Datasheet Search
  English  ▼

X  

AN2381 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 16Page - STMicroelectronics AN2381 Datasheet HTML 17Page - STMicroelectronics AN2381 Datasheet HTML 18Page - STMicroelectronics AN2381 Datasheet HTML 19Page - STMicroelectronics AN2381 Datasheet HTML 20Page - STMicroelectronics AN2381 Datasheet HTML 21Page - STMicroelectronics AN2381 Datasheet HTML 22Page - STMicroelectronics AN2381 Datasheet HTML 23Page - STMicroelectronics AN2381 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Registers Description
AN2381
20/47
5.1.1
Reserved registers
Registers marked as reserved must not be changed. Random changes of the content of
those registers might cause permanent damages to the device.
5.1.2
Registers loaded at Boot
The LIS3LV02DL is factory trimmed. The content of the registers that are loaded at boot
must not be changed. Their content is automatically restored when the device is powered-
up.
FF_WU_THS_H
rw
110101
35
0
FF_WU_DURATION
rw
110110
36
0
110111
37
Not Used
DD_CFG
rw
111000
38
0
DD_SRC
rw
111001
39
0
DD_ACK
r
111010
3A
dummy
Dummy register
111011
3B
Not Used
DD_THSI_L
rw
111100
3C
0
DD_THSI_H
rw
111101
3D
0
DD_THSE_L
rw
111110
3E
0
DD_THSE_H
rw
111111
3F
0
Table 5.
Registers address map (continued)
Reg. Name
Type
Register Address
Default
Comment
Binary
Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com