Electronic Components Datasheet Search
  English  ▼

X  

AN2381 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 38Page - STMicroelectronics AN2381 Datasheet HTML 39Page - STMicroelectronics AN2381 Datasheet HTML 40Page - STMicroelectronics AN2381 Datasheet HTML 41Page - STMicroelectronics AN2381 Datasheet HTML 42Page - STMicroelectronics AN2381 Datasheet HTML 43Page - STMicroelectronics AN2381 Datasheet HTML 44Page - STMicroelectronics AN2381 Datasheet HTML 45Page - STMicroelectronics AN2381 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Application information
AN2381
42/47
At step 7, a dummy read at HP_FILTER_RESET register is performed to set the
current/reference acceleration/tilt state against which the device performed the threshold
comparison.
This read may be performed any time it is required to set the orientation/tilt of the device as
a reference state without waiting for the filter to settle.
6.6
Free-Fall detection
This paragraph provides the basics for the use of the free-fall detection feature. In particular
the SW routine that configures the device to detect free-fall events and to signal them is the
following:
7
read HP_FILTER_RESET register
// Dummy read to force the HP filter to
// actual acceleration value
// (i.e. set reference acceleration/tilt value)
8
write 6Ah into FF_WU_CFG
// Configure desired wake-up event
9
poll RDY/INT pad; if RDY/INT=0 then
goto 9
// Poll RDY/INT pin waiting for the
// wake-up event
10
(Wake-up event has occurred; insert
your code here)
// Event handling
11
read FF_WU_SRC register
// Return the event that has triggered the
// interrupt
12
(Insert your code here)
// Event handling
13
read FF_WU_ACK register
// Clear interrupt request
14
goto 9
1
write D7h into CTRL_REG1
// Turn on the sensor and set DF=128
2
write 08h into CTRL_REG2
// Enables interrupt generation
3
write 08h into CTRL_REG3
// Set CTRL_REG3 to its default state
4
write 60h into FF_WU_THS_L register
// Set the lower part of free-fall threshold
5
write 16h into FF_WU_THS_H register
// Set the higher part of free-fall threshold
6
write 05h into FF_WU_DURATION
register
// Set minimum event duration
7
write D5h into FF_WU_CFG
// Configure free-fall recognition and latch
// interrupt request
8
poll RDY/INT pad; if RDY/INT=0 then
goto 8
// Poll RDY/INT pin waiting for the free-fall
// event
9
(Free-fall event has occurred; insert your
code here)
// Event handling
10
read FF_WU_ACK register
// Clear interrupt request
11
goto 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com