Electronic Components Datasheet Search
  English  ▼

X  

AN2381 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 36Page - STMicroelectronics AN2381 Datasheet HTML 37Page - STMicroelectronics AN2381 Datasheet HTML 38Page - STMicroelectronics AN2381 Datasheet HTML 39Page - STMicroelectronics AN2381 Datasheet HTML 40Page - STMicroelectronics AN2381 Datasheet HTML 41Page - STMicroelectronics AN2381 Datasheet HTML 42Page - STMicroelectronics AN2381 Datasheet HTML 43Page - STMicroelectronics AN2381 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Application information
AN2381
40/47
FF_WU_CFG(LIR) bit permits to decide if the interrupt request has to be latched or not. If
LIR bit is ‘0’ (default value) interrupt signal goes high when the interrupt condition is satisfied
and comes back low immediately if the interrupt condition is no more verified. Otherwise if
LIR bit is ‘1’ whenever a interrupt condition is applied the interrupt signal remains high even
if the condition comes back to non-interrupt status until a reading to FF_WU_ACK register is
performed.
The remaining bits of FF_WU_CFG register permits to decide on which axis the interrupt
decision has to be performed and on which direction the threshold has to be passed to
generate the interrupt request.
Figure 15 is a representation of Direction Detector Interrupt Generator for one of the axes.
The data coming from comparators are compared with the one of the previous acquisition. If
a difference is found it means that the threshold written in the DD_THS registers was
exceeded and an interrupt signal is generated. If different values are used for DD_THSE
and DD_THSI registers it is possible to introduce an hysteresis in the interrupt generation.
The difference between WU and DD signals is that the first one gives information if the
device reads statically an acceleration in a chosen range while the second one provides an
information on the device movement from a position. Reading Direction Detector Source
Register is then possible to understand in which direction and in which versus the
movement has happened.
Figure 15.
Direction Detector Interrupt Generator for X axis
These Interrupt generator blocks can be combined with the embedded High Pass filter in
order to obtain further feature.
Furthermore, as described in Figure 17, FF_WU and DD can be used together to generate
an interrupt signal that is the logic "OR" of the two interrupts.
b>a?
b<-a?
|b|<a?
DD_THSEreg
DD_THSI reg
Accel_X
Memory
cell
Memory
cell
XH_en
XL_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com