Electronic Components Datasheet Search
  English  ▼

X  

AN2381 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 20Page - STMicroelectronics AN2381 Datasheet HTML 21Page - STMicroelectronics AN2381 Datasheet HTML 22Page - STMicroelectronics AN2381 Datasheet HTML 23Page - STMicroelectronics AN2381 Datasheet HTML 24Page - STMicroelectronics AN2381 Datasheet HTML 25Page - STMicroelectronics AN2381 Datasheet HTML 26Page - STMicroelectronics AN2381 Datasheet HTML 27Page - STMicroelectronics AN2381 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Registers Description
AN2381
24/47
mode) the data used to generate DD interrupt come directly from digital block or
temperature compensation block while if HPDD is set to ‘1’ the interrupt signals are based
on High-Pass filtered data. Complete data flow is represented in Figure 11.
HPFF bit allows to select between filtered or not filtered data to be processed by the Signal
Processing (WakeUp or FreeFall) block as described in Figure 11. If HPFF is set ‘0’ (default
mode) data used to generate WU or FF interrupt come directly from digital block or
temperature compensation block while if HPFF is set ‘1’ the interrupt signals are based on
High-Pass filtered data. Complete data flow is represented in Figure 11.
FDS bit decides whether data stored in output registers are High Pass filtered or not. In
default mode (FDS bit set to ‘0’) signal are not filtered while it is possible to access data
coming from HP filter setting FDS bit to ‘1’. Complete data flow is represented in Figure 11.
CFS<1:0> bit select High-pass filter Cut-off Frequency coefficient. Increasing this number
makes Cut-off Frequency (@-3dB) move to lower values.
The Cut-off Frequency behavior is described by the following equation:
where HPc = 512, 1024, 2048, 4096 when CFS<1:0>= 00, 01, 10, 11 respectively and ODR
represents the Output Data Rate selectable through the DF1, DF0 bits in CTRL_REG1.
The figure below gives a representation of the possible transfer functions obtained
modifying Output Data Rate and High Pass Filter coefficient (HPc).
Figure 10.
HP Filter Transfer Function
f
Cut
off
–
0.318
HPc
---------------
⎝⎠
⎛⎞ ODR
2
--------------
⎝⎠
⎛⎞
=
10
−2
10
−1
10
0
10
1
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
↓ −3dB
Frequence (Hz)
HP Filter frequency responce
ODR = 40Hz; HP coeff.= 512
ODR = 40Hz; HP coeff.= 1024
ODR = 40Hz; HP coeff.= 2048
ODR = 40Hz; HP coeff.= 4096
ODR = 160Hz; HP coeff.= 512
ODR = 160Hz; HP coeff.= 1024
ODR = 160Hz; HP coeff.= 2048
ODR = 160Hz; HP coeff.= 4096
ODR = 640Hz; HP coeff.= 512
ODR = 640Hz; HP coeff.= 1024
ODR = 640Hz; HP coeff.= 2048
ODR = 640Hz; HP coeff.= 4096
ODR = 2560Hz; HP coeff.= 512
ODR = 2560Hz; HP coeff.= 1024
ODR = 2560Hz; HP coeff.= 2048
ODR = 2560Hz; HP coeff.= 4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com