Electronic Components Datasheet Search
  English  ▼

X  

AN2407 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2407
Description  800mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2407 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2407 Datasheet HTML 2Page - STMicroelectronics AN2407 Datasheet HTML 3Page - STMicroelectronics AN2407 Datasheet HTML 4Page - STMicroelectronics AN2407 Datasheet HTML 5Page - STMicroelectronics AN2407 Datasheet HTML 6Page - STMicroelectronics AN2407 Datasheet HTML 7Page - STMicroelectronics AN2407 Datasheet HTML 8Page - STMicroelectronics AN2407 Datasheet HTML 9Page - STMicroelectronics AN2407 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
External components
AN2407
6/14
4
External components
This application requires few external components: two ceramic capacitors (CIN = 1µF,
COUT = 4.7µF) and one resistor (RPROG).
For input and output capacitors, ST recommends using ceramic capacitors with low ESR.
For good stability of device supplied from low input voltage 2.6V at maximum ratings of
output, ST recommends using 1µF/6.3V as a minimum value for the input capacitor and
4.7µF/6.3V as a minimum value for the output capacitor.
Table 2.
Bill of materials
Symbol
Parameter
Type
Qty
Supplier
Value
Unit
Cin
Input Cap.
Ceramic Low ESR
GRM155F50J105ZE01
1
Murata
1
µF
Cbat
Output Cap.
Ceramic Low ESR
GRM188r60J475ke19
1
Murata
4.7
µF
Rusb
Usb Current Set
Thick film type 1% CRG0603J2K0
1
THCO
2
KOhm
Rdc
DC Current Set
Thick film type 1% CRG0603J10K0
1
THCO
10
KOhm
N-Pmos
Nmos-Pmos IC
STS7C4F30
1
ST
D1
SCHOTTKY
STPS1L40M
1
ST
Rled
Limit Led Current
Thick film type 1% CRG0603J1K0
2
THCO
1
KOhm
Rpull
Pull down resistor
Thick film type 1% CRG0603J1K0
1
THCO
1
KOhm
Rf
Resistance Filter
Thick film type 1% CRG0603J20K0
1
THCO
20
KOhm
Cf
Capacitor Filter
Ceramic Low ESR
GRM188r71e104ka01
1
Murata
100
nF
Led Power
Led
1.8mm-RED LED
L-2060ID
1
KINGBRIGHT
Led Charge
Led
1.8mm-GREEN LED L-2060GD
1
KINGBRIGHT
USB In
Connector USB
Mini B
54819-0572
1Molex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com