Electronic Components Datasheet Search
  English  ▼

X  

AN2407 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2407
Description  800mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2407 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2407 Datasheet HTML 3Page - STMicroelectronics AN2407 Datasheet HTML 4Page - STMicroelectronics AN2407 Datasheet HTML 5Page - STMicroelectronics AN2407 Datasheet HTML 6Page - STMicroelectronics AN2407 Datasheet HTML 7Page - STMicroelectronics AN2407 Datasheet HTML 8Page - STMicroelectronics AN2407 Datasheet HTML 9Page - STMicroelectronics AN2407 Datasheet HTML 10Page - STMicroelectronics AN2407 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN2407
Power dissipation
7/14
5
Power dissipation
The conditions that cause the STBC08 to reduce charge current through thermal feedback
can be approximated by considering the power dissipated in the IC. For high charge
currents, the STBC08 power dissipation is approximately:
Equation 2
where PD is the power dissipated, VCC is the input supply voltage, VBAT is the battery
voltage and IBAT is the current charge current. It is not necessary to perform any worst-case
power dissipation scenarios because the STBC08 will automatically reduce the charge
current to maintain the die temperature at approximately 120° C.
However, the approximate ambient temperature at which the thermal feedback begins to
protect the IC is:
Equation 3
Equation 4
Example: Consider an STBC08 operating from a 5V wall adapter providing 400mA to a 3.7V
Li-Ion battery. The ambient temperature above which the STBC08 will begin to reduce the
400mA charge current is approximately:
Equation 5
The STBC08 can be used above 42°C, but the charge current will be reduced from 400mA.
The approximate current at a given ambient temperature can be calculated:
Equation 6
Using the previous example with an ambient temperature of 65°C, the charge current will be
reduced to approximately:
Equation 7
Furthermore, the voltage at the PROG pin will change proportionally with the charge current
as discussed in Section 9.1: Programming charge current. It is important to remember that
STBC08 applications do not need to be designed for worst-case thermal conditions since
the IC will automatically reduce power dissipation when the junction temperature reaches
approximately 120°C.
P
D
V
CC
V
BAT
–
() I
BAT
•
=
T
A
120
° CP
D θJA
–
=
T
A
120
° CV
CC
V
BAT
–
() I
BAT
•θ
JA
–
=
T
A
120
° C5V 3.7V
–
()
400mA
()
•
105
°
C
W
-----
•
42
° C
=
–
=
I
BAT
120
° CT
A
–
V
CC
V
BAT
–
() θ
A
•
--------------------------------------------------
=
I
BAT
120
° C65° C
–
5V
3.7V
–
() 150°
C
W
-----
•
---------------------------------------------------------
282mA
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com