Electronic Components Datasheet Search
  English  ▼

X  

AN2407 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2407
Description  800mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2407 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2407 Datasheet HTML 1Page - STMicroelectronics AN2407 Datasheet HTML 2Page - STMicroelectronics AN2407 Datasheet HTML 3Page - STMicroelectronics AN2407 Datasheet HTML 4Page - STMicroelectronics AN2407 Datasheet HTML 5Page - STMicroelectronics AN2407 Datasheet HTML 6Page - STMicroelectronics AN2407 Datasheet HTML 7Page - STMicroelectronics AN2407 Datasheet HTML 8Page - STMicroelectronics AN2407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Stability considerations
AN2407
4/14
2
Stability considerations
The STBC08 contains two control loops: constant voltage and constant current. The
constant-voltage loop is stable without any compensation when a battery is connected with
low impedance leads. Excessive lead length, however, may add enough series inductance
to require a bypass capacitor of at least 1µF from BAT to GND. Furthermore, a 4.7µF
capacitor with a 0.2
Ω to 1Ω series resistor from BAT to GND is required to keep ripple
voltage low when the battery is removed.
High value capacitors with very low ESR (especially ceramic) reduce the constant-voltage
loop phase margin.
Ceramic capacitors up to 22µF may be used in parallel with a battery, but larger ceramics
should be decoupled with 0.2
Ω to 1Ω of series resistance.
In constant-current mode, the PROG pin is in the feedback loop, not the battery. Because of
the additional pole created by PROG pin capacitance, capacitance on this pin must be kept
to a minimum. With no additional capacitance on the PROG pin, the charger is stable with
program resistor values as high as 12k. However, additional capacitance on this node
reduces the maximum allowed program resistor.Therefore, if the PROG pin is loaded with a
capacitance, CPROG, the following equation should be used to calculate the maximum
resistance value for RPROG:
Equation 1
Average, rather than instantaneous, battery current may be of interest to the user. For
example, if a switching power supply operating in low current mode is connected in parallel
with the battery, the average current being pulled out of the BAT pin is typically of more
interest than the instantaneous current pulses. In such a case, a simple RC filter can be
used on the PROG pin to measure the average battery current as shown in Figure 2.
This design includes a 20k
Ω resistor between the PROG pin and the filter capacitor to
ensure stability (CFILTER = 100nF).
Figure 2.
Isolating capacitive load on PROG pin and filtering
R
PROG
1
2
π 510
•
5
C
PROG
•
•
----------------------------------------------------------
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com