Electronic Components Datasheet Search
  English  ▼

X  

AN2407 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2407
Description  800mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2407 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2407 Datasheet HTML 6Page - STMicroelectronics AN2407 Datasheet HTML 7Page - STMicroelectronics AN2407 Datasheet HTML 8Page - STMicroelectronics AN2407 Datasheet HTML 9Page - STMicroelectronics AN2407 Datasheet HTML 10Page - STMicroelectronics AN2407 Datasheet HTML 11Page - STMicroelectronics AN2407 Datasheet HTML 12Page - STMicroelectronics AN2407 Datasheet HTML 13Page - STMicroelectronics AN2407 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN2407
Charge current
11/14
9
Charge current
9.1
Programming charge current
The charge current is programmed using a single resistor from the PROG pin to ground.
The battery charge current is 1000 times the current out of the PROG pin. The program
resistor and the charge current are calculated using the following equations:
Equation 8
The charge current out of the BAT pin can be determined at any time by monitoring the
PROG pin voltage using the following equation:
Equation 9
9.2
Maximum charge current in temperature
Initial conditions: VIN = 4.4V, VBAT = 3.1V, RPROG = 1kΩ and Air flow = 4 l/s.
Figure 6.
IBAT vs. temperature
The 1A battery current set by RPROG is constant in the -40° to 25° C temperature range.
For temperatures higher than 25° C, the current is lower due to the thermal limit of the
device.
R
PROG
1000
1.00V
I
BAT
----------------
•
=
I
BAT
V
PROG
R
PROG
--------------------
1000
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com