Electronic Components Datasheet Search
  English  ▼

X  

AN2407 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2407
Description  800mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2407 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2407 Datasheet HTML 1Page - STMicroelectronics AN2407 Datasheet HTML 2Page - STMicroelectronics AN2407 Datasheet HTML 3Page - STMicroelectronics AN2407 Datasheet HTML 4Page - STMicroelectronics AN2407 Datasheet HTML 5Page - STMicroelectronics AN2407 Datasheet HTML 6Page - STMicroelectronics AN2407 Datasheet HTML 7Page - STMicroelectronics AN2407 Datasheet HTML 8Page - STMicroelectronics AN2407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2006
Rev 2
1/14
AN2407
Application note
800mA standalone linear Li-Ion
battery charger with thermal regulation
Introduction
One way to minimize the size and complexity of a battery charger is to use a linear-type
charger. The linear charger drops the AC adapter voltage down to the battery voltage. The
number of external components is low: linear chargers require input and output bypass
capacitors, and sometimes need an external pass transistor, and resistors for setting voltage
and current limits.
The main pitfall of a linear charger is power dissipation. The charger simply drops the AC
adapter voltage down to the battery voltage.
In the case of an 800mA charger, a 5V±10% regulated AC adapter voltage, and battery
voltage that varies between 4.2V and 2.5V, the power dissipation can range from 0.6W to
2.0W.
This type of charger is simpler than the switch-mode type, mainly because the passive LC
filter is not required. It dissipates the most power when the battery voltage is at its minimum,
since the difference between the fixed input voltage and the battery voltage is greatest
during this condition.
Application diagram
www.st.com


Similar Part No. - AN2407

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN2407 FREESCALE-AN2407 Datasheet
556Kb / 48P
Reed Solomon Encoder/Decoder on the StarCore SC140/SC1400 Cores, With Extended Examples
More results

Similar Description - AN2407

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
STMicroelectronics
AN2370 STMICROELECTRONICS-AN2370 Datasheet
234Kb / 14P
800 mA standalone linear Li-Ion
05-Oct-2007
logo
Lowpower Semiconductor ...
LP4061 POWER-LP4061 Datasheet
478Kb / 7P
800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4055 AITSEMI-A4055 Datasheet
922Kb / 19P
BATTERY MANAGEMENT 800mA STANDALONE LINEAR LI-ION BATTERY CHARGER
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com