Electronic Components Datasheet Search
  English  ▼

X  

AN2407 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2407
Description  800mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2407 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2407 Datasheet HTML 1Page - STMicroelectronics AN2407 Datasheet HTML 2Page - STMicroelectronics AN2407 Datasheet HTML 3Page - STMicroelectronics AN2407 Datasheet HTML 4Page - STMicroelectronics AN2407 Datasheet HTML 5Page - STMicroelectronics AN2407 Datasheet HTML 6Page - STMicroelectronics AN2407 Datasheet HTML 7Page - STMicroelectronics AN2407 Datasheet HTML 8Page - STMicroelectronics AN2407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN2407
Board layout considerations
5/14
3
Board layout considerations
Due to the small size of the MLP package, it is very important to use a good thermal PC
board layout to maximize the available charge current. The thermal path for the heat
generated by the IC is from the die to the copper lead frame, through the package leads,
(especially the ground lead) to the PC board copper. The PC board copper is the heat sink.
The footprint copper pads should be as wide as possible and expand out to larger copper
areas to spread and dissipate the heat to the surrounding ambient. Feed-through vias to
inner or backside copper layers are also useful in improving the overall thermal performance
of the charger. Other heat sources on the board, not related to the charger, must also be
considered when designing a PC board layout because they will affect overall temperature
rise and the maximum charge current.
Table 1 lists thermal resistance for several different board sizes and copper areas.
Appendix A: Board layout on page 12 contains an illustration of the complete assembly
board.
Table 1.
Measured thermal resistance (2-layer board)
Copper area
Board area
Thermal resistance
junction-to-ambient
Top
Bottom
2500mm2
2500mm2
2500mm2
125°C/W
1000mm2
2500mm2
2500mm2
125°C/W
225mm2
2500mm2
2500mm2
130°C/W
100mm2
2500mm2
2500mm2
135°C/W
50mm2
2500mm2
2500mm2
150°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com