Electronic Components Datasheet Search
  English  ▼

X  

AN2407 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2407
Description  800mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2407 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2407 Datasheet HTML 6Page - STMicroelectronics AN2407 Datasheet HTML 7Page - STMicroelectronics AN2407 Datasheet HTML 8Page - STMicroelectronics AN2407 Datasheet HTML 9Page - STMicroelectronics AN2407 Datasheet HTML 10Page - STMicroelectronics AN2407 Datasheet HTML 11Page - STMicroelectronics AN2407 Datasheet HTML 12Page - STMicroelectronics AN2407 Datasheet HTML 13Page - STMicroelectronics AN2407 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
USB and wall adapter power
AN2407
10/14
8
USB and wall adapter power
Although the STBC08 allows charging from a USB port, a wall adapter can also be used to
charge Li-Ion batteries.
Figure 5 shows an example of how to combine wall adapter and USB power inputs. A
P-channel MOSFET is used to prevent back conducting into the USB port when a wall
adapter is present and Schottky diode is used to prevent USB power loss through the 1k
Ω
pull-down resistor. Typically, a wall adapter can supply significantly more current than the
500mA-limited USB port. Therefore, an N-channel MOSFET and an extra program resistor
are used to increase the charge current to 850mA when the wall adapter is present.
Figure 5.
Combining wall adapter and USB power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com