Electronic Components Datasheet Search
  English  ▼

X  

AN2407 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2407
Description  800mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2407 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2407 Datasheet HTML 1Page - STMicroelectronics AN2407 Datasheet HTML 2Page - STMicroelectronics AN2407 Datasheet HTML 3Page - STMicroelectronics AN2407 Datasheet HTML 4Page - STMicroelectronics AN2407 Datasheet HTML 5Page - STMicroelectronics AN2407 Datasheet HTML 6Page - STMicroelectronics AN2407 Datasheet HTML 7Page - STMicroelectronics AN2407 Datasheet HTML 8Page - STMicroelectronics AN2407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN2407
STBC08 description
3/14
1
STBC08 description
The STBC08 is a constant current/constant voltage charger for single cell Li-Ion battery. No
external sense resistor or blocking diode is required and its MLPD 3x3mm² 6L package
make it ideally suited for portable applications.
The STBC08 is designed to comply with USB power specifications. An internal block
regulates the current when the junction temperature increases in order to protect the device
when it operates in high power or high ambient temperature.
The maximum power dissipation occurs when VBAT is 2.9V with the maximum charge
current.
The charge voltage is fixed at 4.2V, and the charge current limitation can be programmed
using a single resistor connected between pins PROG and GND. The charge cycle finishes
when the current flowing to the battery is 1/10 of the programmed value. If the external
adaptor is removed, the STBC08 switches off and only 2µA can flow from the battery to the
device. The device can be put into Shutdown Mode, reducing the supply current to 25µA.
Figure 1.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com