Electronic Components Datasheet Search
  English  ▼

X  

AN2407 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2407
Description  800mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2407 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2407 Datasheet HTML 5Page - STMicroelectronics AN2407 Datasheet HTML 6Page - STMicroelectronics AN2407 Datasheet HTML 7Page - STMicroelectronics AN2407 Datasheet HTML 8Page - STMicroelectronics AN2407 Datasheet HTML 9Page - STMicroelectronics AN2407 Datasheet HTML 10Page - STMicroelectronics AN2407 Datasheet HTML 11Page - STMicroelectronics AN2407 Datasheet HTML 12Page - STMicroelectronics AN2407 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN2407
CHRG and Power-on status output pins
9/14
7
CHRG and Power-on status output pins
The POWER ON pin (open drain) is a flag that indicates the presence of the VCC,
VUVLO<VCC<7.2V and VCC>VBAT. High impedance indicates that VCC< VUVLO, VCC>7.2V or
VCC<VBAT. In this case VCC is insufficient.
The CHRG pin (open drain) is a flag that indicates the status of the charge, if the pin is low
the device works and the charge is going, when the pin is high impedance the charge is
finished (constant Voltage and IPROG/10).
The values in Table 3 correspond to the following modes:
–
00 is Precharge mode (Trickle Charge mode) or Charge Mode. VCC is more than
VUVLO and RPROG is present on the PROG pin.
–
01 is Standby mode (completed charge) or Shutdown mode (RPROG not
connected).
–
11 is Supply (insufficient and unqualified.)
Figure 4.
Using a microprocessor to determine device state
Table 3.
LEDs status
CHRG
Low
High
Power-ON
Low
00
01
High
Not used
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com