Electronic Components Datasheet Search
  English  ▼

X  

AN3981 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 5Page - STMicroelectronics AN3981 Datasheet HTML 6Page - STMicroelectronics AN3981 Datasheet HTML 7Page - STMicroelectronics AN3981 Datasheet HTML 8Page - STMicroelectronics AN3981 Datasheet HTML 9Page - STMicroelectronics AN3981 Datasheet HTML 10Page - STMicroelectronics AN3981 Datasheet HTML 11Page - STMicroelectronics AN3981 Datasheet HTML 12Page - STMicroelectronics AN3981 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
AN3981
8-bit LED array drivers
Doc ID 022217 Rev 1
9/54
2
8-bit LED array drivers
2.1
Main features
The 8-bit LED array driver family is composed of two products: the STP08CP05 and
STP08DP05.
●
Eight constant current output channels
●
Adjustable output current from 5 to 100 mA through an external resistor
●
Short and open output error detection (only for the STP08DP05)
●
20 V current generators rated voltage
●
Supply voltage from 3.3 V to 5.5 V.
Figure 6.
Typical application circuit for STP08xP05 devices
2.2
Applications
This family is suitable for several applications in different market segments, such as gaming
machines, white goods, LED signage, and automotive LED lighting.
2.3
Block diagram
Figure 7 represents the block diagram valid for the 8-bit LED array driver family.
The 8-bit shift register contains the digital data loaded through the SDI pin. The “Latch and
Enable” block contains the digital word loaded from the 8-bit shift register once the LE pulse
has been detected.
The “Analog stage” represents the circuitry to drive each current generator consistently with
the digital word contained in the “Latch and Enable” block, setting the correct current in
accordance with the resistor connected to the REXT pin. This block is enabled by the
pin.
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com