Electronic Components Datasheet Search
  English  ▼

X  

AN3981 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 26Page - STMicroelectronics AN3981 Datasheet HTML 27Page - STMicroelectronics AN3981 Datasheet HTML 28Page - STMicroelectronics AN3981 Datasheet HTML 29Page - STMicroelectronics AN3981 Datasheet HTML 30Page - STMicroelectronics AN3981 Datasheet HTML 31Page - STMicroelectronics AN3981 Datasheet HTML 32Page - STMicroelectronics AN3981 Datasheet HTML 33Page - STMicroelectronics AN3981 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
STP24DP05
AN3981
30/54
Doc ID 022217 Rev 1
Figure 33.
Error detection through the DM pin
4.6.2
Error detection through
and LE
The error detection process activated by the logic sequence of
and the LE pin can
be divided into three phases:
1.
Entering detection mode. From “normal mode” the device can enter “error mode”
through a logic key (Figure 34), which is a logic sequence of the
and LE signals
over five CLK cycles. After these five CLK cycles the device is in “error detection mode”
and ready for sampling data on the SDI pin
2.
Error detection. Once the device has entered “error detection mode”, a 24-bit string
should be loaded into the shift register through the SDI pin in order to set the outputs in
accordance with the diagnostic demands (only the outputs that are on are checked by
the error detection process). Therefore, if the user wants to check all the outputs, a
string with all “1” must be sent. After that the outputs are ready for the detection
process, which starts when
is set low. The device drives LEDs in order to
analyze if an open or short condition has occurred. The
must remain low for at
least 1 µs to complete the detection process. As shown in Figure 36, during the
detection process, at least three clock pulses are necessary: two pulses as soon as the
is set low, one clock pulse before ending the detection process. Once the
is set high, the error status code is available at the SDO pin. To download the
complete error string, at least 24 clock pulses are necessary
3.
Resuming normal mode. The device quits detection mode and returns to normal mode
through an exit logic key (Figure 35), a logic sequence over five clock pulses.
OE
R
–
OE
R
–
OE
R
–
OE
R
–
OE
R
–
OE
R
–
OE
R
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com