Electronic Components Datasheet Search
  English  ▼

X  

AN3981 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 36Page - STMicroelectronics AN3981 Datasheet HTML 37Page - STMicroelectronics AN3981 Datasheet HTML 38Page - STMicroelectronics AN3981 Datasheet HTML 39Page - STMicroelectronics AN3981 Datasheet HTML 40Page - STMicroelectronics AN3981 Datasheet HTML 41Page - STMicroelectronics AN3981 Datasheet HTML 42Page - STMicroelectronics AN3981 Datasheet HTML 43Page - STMicroelectronics AN3981 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Common application information
AN3981
40/54
Doc ID 022217 Rev 1
Figure 47.
Maximum power curves for different packages
Figure 48
and 49 show the significant difference in terms of power dissipation and,
consequently, also of heat generation.
The images have been captured by an infrared (IR) camera.
Two different packages are compared: TSSOP-24 (left) and HTSSOP-24 (right). Although
the temperature detected by the IR camera refers to the package surface temperature, it
provides, however, an idea regarding the trend of the junction temperature and provides a
comparison of the two packages in terms of thermal behavior.
Both images show the STP16CPC26 under the same conditions: all channels on, 60 mA per
channel, 1.2 V voltage drop across current generators and 5 V IC voltage supply. The PCB
used in both cases is the same.
As described above, in this case the power dissipation is 1.152 W.
The advantage of the exposed pad in HTSSOP-24 compared to TSSOP-24 is evident.
AM10647v1
P
DISS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com