Electronic Components Datasheet Search
  English  ▼

X  

AN3981 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 25Page - STMicroelectronics AN3981 Datasheet HTML 26Page - STMicroelectronics AN3981 Datasheet HTML 27Page - STMicroelectronics AN3981 Datasheet HTML 28Page - STMicroelectronics AN3981 Datasheet HTML 29Page - STMicroelectronics AN3981 Datasheet HTML 30Page - STMicroelectronics AN3981 Datasheet HTML 31Page - STMicroelectronics AN3981 Datasheet HTML 32Page - STMicroelectronics AN3981 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
AN3981
STP24DP05
Doc ID 022217 Rev 1
29/54
as an “Error status code” coming out of the SDO pin (see Figure 32), with “0” logic level
indicating a faulty channel, whereas a “1” logic level indicates a “good” channel.
Figure 32.
Error status code
The device can enter error detection mode in two ways:
1.
setting low the DM pin
2.
providing a logic sequence on the
and LE pins.
4.6.1
Error detection through the DM pin
As shown in Figure 33, the device enters error detection mode when the DM pin is set low.
The error detection is performed correctly when the
pin is set low for at least 1 µs.
When the DM and
pins are set high again, the error status code is available at the
SDO pin. 24 CLK cycles are necessary to make the device shift out of the complete error
status code.
Table 4.
Detection conditions
Detection conditions
Detection result
IODEC
(1) = 0.4·I
O
(2)
1.
IODEC is the detected output current in detection mode.
2.
IO is the programmed output current.
Open channel or output short to GND detected
IODEC = 0.4·IO
No error detected
VO = 2.6 V
Short on LED or short to LED supply voltage
VO = 2.4 V
No error detected
OE
R
–
OE
R
–
OE
R
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com