Electronic Components Datasheet Search
  English  ▼

X  

AN3981 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 44Page - STMicroelectronics AN3981 Datasheet HTML 45Page - STMicroelectronics AN3981 Datasheet HTML 46Page - STMicroelectronics AN3981 Datasheet HTML 47Page - STMicroelectronics AN3981 Datasheet HTML 48Page - STMicroelectronics AN3981 Datasheet HTML 49Page - STMicroelectronics AN3981 Datasheet HTML 50Page - STMicroelectronics AN3981 Datasheet HTML 51Page - STMicroelectronics AN3981 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
Common application information
AN3981
48/54
Doc ID 022217 Rev 1
5.6
Higher current requests (outputs in parallel)
When the application needs to drive high power LEDs, the current demand may be higher
than the current provided by a single channel.
In this case a higher current capability can be achieved by connecting together two or more
channels (in accordance with the current value which must be regulated).
Figure 58
shows an example of an STP16CP05 used in an application that requires a 150
mA current driving capability.
As the maximum deliverable current per channel is (for this product) 100 mA, only by
connecting two channels (75 mA per channel) is it possible to reach the requested value of
current.
Figure 58.
High current capability solution
5.7
LED matrix driving solution
The implementation of common anode (or common cathode) configurations in LED matrix
panels allows a reduction in the number of LED drivers. In fact, a matrix of 64 LEDs for
example would require 64 channels (e.g. four 16-channel LED drivers) and an LED common
voltage rail for all anodes. If a multiplexed solution (common anode) is used, just one LED
driver (e.g. STP16xx) is enough, as shown in Figure 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com