Electronic Components Datasheet Search
  English  ▼

X  

AN3981 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 21Page - STMicroelectronics AN3981 Datasheet HTML 22Page - STMicroelectronics AN3981 Datasheet HTML 23Page - STMicroelectronics AN3981 Datasheet HTML 24Page - STMicroelectronics AN3981 Datasheet HTML 25Page - STMicroelectronics AN3981 Datasheet HTML 26Page - STMicroelectronics AN3981 Datasheet HTML 27Page - STMicroelectronics AN3981 Datasheet HTML 28Page - STMicroelectronics AN3981 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
AN3981
STP24DP05
Doc ID 022217 Rev 1
25/54
4
STP24DP05
4.1
Main features
The STP24DP05 LED array driver is characterized by the following features:
●
Three groups of eight constant current output channels
●
Adjustable output current from 5 mA to 80 mA through an external resistor for each
group
●
Error detection
●
Gradual delay
●
20 V current generators rated voltage
●
Supply voltage from 3 V to 5.5 V.
Figure 27.
Typical application circuit for the STP24DP05
4.2
Applications
The STP24DP05 is tailored mainly to RGB solutions, like full color high resolution LED
displays, colored traffic signs, etc.
4.3
Block diagram
Figure 28 shows the simplified internal block diagram of the STP24DP05.
The 24 outputs are organized into three groups of eight outputs each. Assuming an RGB
solution, each group is supposed to be dedicated respectively to red, green and blue LEDs.
The current of each group can be adjusted through the resistor connected to the relative
REXT pin (REXTR for red, REXTG for green, REXTB for blue).
Data are loaded through the SDI pin into the “8x3-bit Shift Register”. Data are latched into
the “8x3 Data Latch” block after the LE pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com