| Electronic Components Datasheet Search |
|
UPD6461 Datasheet(PDF) 30 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6461 Datasheet(HTML) 30 Page - NEC |
|
30 / 60 page ![]() 30 µPD6461, 6462 3.7 WRITE ADDRESS CONTROL COMMAND This command specifies the address at which a character is written in the display area (video RAM) of 12 rows × 24 columns (this command is a 2-byte command, requiring 16 bits for each command, even when continuously input). (1) For MSB-first transfer (Command bits are input starting from the MSB (D15).) D15 1 D14 0 D13 0 D12 0 D11 1 D10 0 D9 0 D8 AR3 D7 AR2 D6 AR1 D5 AR0 D4 AC4 D3 AC3 D2 AC2 D1 AC1 D0 AC0 (MSB) (LSB) AC4 0 0 1 AC3 0 0 0 AC2 0 0 1 AC1 0 0 1 AC0 0 1 1 AR3 0 0 1 AR2 0 0 0 AR1 0 0 1 AR0 0 1 1 Column address specification bits Column Column 0 Column 1 Column 23 Any other value is invalid. Column address specification bits Row address specification bits Row Row 0 Row 1 Row 11 Any other value is invalid. (2) For LSB-first transfer (Command bits are input starting from the LSB (D0). The function of each bit is the same as that for MSB-first transfer.) • Column write address specification bits The display area has 24 columns. These bits are used to specify the column in which a character is to be written. • Row write address specification bits The display area has 12 rows. These bits are used to specify the row in which a character is to be written. (LSB) (MSB) D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 AR3 0010001 AC0 AC1 AC2 AC3 AR4 AR0 AR1 AR2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |