Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 40 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 40 Page - NEC

Back Button UPD6461 Datasheet HTML 36Page - NEC UPD6461 Datasheet HTML 37Page - NEC UPD6461 Datasheet HTML 38Page - NEC UPD6461 Datasheet HTML 39Page - NEC UPD6461 Datasheet HTML 40Page - NEC UPD6461 Datasheet HTML 41Page - NEC UPD6461 Datasheet HTML 42Page - NEC UPD6461 Datasheet HTML 43Page - NEC UPD6461 Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
µPD6461, 6462
5. CHARACTER PATTERNS
The
µPD6461, 6462 can display 256 (µPD6461)/128 (µPD6462) character patterns, including alphanumerics, Kanji
characters, and symbols, which are stored in the character generator ROM. Each pattern in the character generator ROM
can be modified by specifying a mask code option. However, the display-off data at character address FEH (
µPD6461)/
7EH (
µPD6462) and end code for second-byte continuous input at FFH (µPD6461)/7FH (µPD6462) cannot be modified.
No character pattern can be stored at these addresses.
When none of the 12
× 18 dots are filled for a character pattern at addresses 00H to FDH (
µPD6461)/00H to 7DH
(
µPD6462), the character pattern is called blank data. Character address FEH (µPD6461)/7EH (µPD6462) contains display-
off data. Blank data and display-off data are represented in the same way (with no dots filled) in character patterns shown
on the following pages, but they are different as follows:
Table 5-1 The Differences between Blank Data and Display-off Data
You cannot specify display-off data for addresses other than FEH (
µPD6461)/7EH (µPD6462) when using a mask code
option. Blank data, however, can be specified at any address from 00H to FDH (
µPD6461)/00H to 7DH (µPD6462) (address
FFH (
µPD6461)/7FH (µPD6462) cannot be used because it contains the end code for second-byte continuous input).
The character patterns of the
µPD6461GS-101/102, µPD6462GS-001 (NEC’s standard model) are shown on the
following pages.
No background
Minimum background
Overall background
Display of character area in each background mode
Character data
Blank data
Display-off data
Displays image.
Displays image.
Displays background.
Displays image only
(without background).
Displays background.
Displays image only
(without background).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com