Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 7 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 7 Page - NEC

Back Button UPD6461 Datasheet HTML 3Page - NEC UPD6461 Datasheet HTML 4Page - NEC UPD6461 Datasheet HTML 5Page - NEC UPD6461 Datasheet HTML 6Page - NEC UPD6461 Datasheet HTML 7Page - NEC UPD6461 Datasheet HTML 8Page - NEC UPD6461 Datasheet HTML 9Page - NEC UPD6461 Datasheet HTML 10Page - NEC UPD6461 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7
µPD6461, 6462
CONTENTS
1.
MASK CODE OPTIONS ...........................................................................................................................
8
1.1
MASK CODE OPTIONS ..................................................................................................................................
8
1.2
HOW TO SELECT MASK OPTIONS .............................................................................................................
9
1.3
APPLICATION BLOCK DIAGRAMS .............................................................................................................. 10
1.4
DISPLAY IN RGB+VC1+VC2 MODE ................................................................................................................ 11
1.4.1
Character Signal Output When Option A is Selected .................................................................. 14
1.4.2
Character Signal Output When Option B is Selected .................................................................. 15
1.4.3
Character Signal Output When Option C is Selected .................................................................. 16
1.4.4
Display of VC2-Specified Characters ............................................................................................... 17
1.5
OUTPUTTING BACKGROUND ...................................................................................................................... 18
2.
COMMANDS ............................................................................................................................................. 19
2.1
COMMAND FORMAT ..................................................................................................................................... 19
2.2
COMMANDS AND THEIR BITS ..................................................................................................................... 19
2.3
POWER-ON CLEAR FUNCTION ................................................................................................................... 21
3.
COMMAND DETAILS ............................................................................................................................... 22
3.1
VIDEO RAM BATCH CLEAR COMMAND .................................................................................................... 22
3.2
CHARACTER DISPLAY CONTROL COMMAND .......................................................................................... 23
3.3
BACKGROUND/RIM COLOR CONTROL COMMAND ................................................................................. 24
3.4
3-CHANNEL INDEPENDENT DISPLAY ON/OFF COMMAND .................................................................... 25
3.5
CHARACTER REVERSE ON/OFF COMMAND ............................................................................................ 26
3.6
CHARACTER DISPLAY POSITION CONTROL COMMAND ....................................................................... 28
3.7
WRITE ADDRESS CONTROL COMMAND ................................................................................................... 30
3.8
OUTPUT PIN CONTROL COMMAND ........................................................................................................... 31
3.9
CHARACTER SIZE CONTROL COMMAND ................................................................................................. 32
3.10
3-CHANNEL INDEPENDENT BACKGROUND CONTROL COMMAND ..................................................... 33
3.11
TEST MODE COMMAND ................................................................................................................................35
3.12
DISPLAYED CHARACTER CONTROL COMMAND .................................................................................... 35
4.
COMMAND TRANSFER .......................................................................................................................... 38
4.1
1-BYTE COMMANDS ...................................................................................................................................... 38
4.2
2-BYTE COMMANDS ...................................................................................................................................... 38
4.3
2-BYTE CONTINUOUS COMMAND .............................................................................................................. 38
4.4
CONTINUOUS INPUT OF COMMAND .......................................................................................................... 39
4.4.1 When End Code is Not Used ............................................................................................................. 39
4.4.2 When End Code is Used .................................................................................................................... 39
5.
CHARACTER PATTERNS ....................................................................................................................... 40
6.
ELECTRICAL CHARACTERISTICS ....................................................................................................... 50
7.
APPLICATION CIRCUIT EXAMPLE ....................................................................................................... 54
8.
PACKAGE DRAWINGS ........................................................................................................................... 55
9.
RECOMMENDED SOLDERING CONDITIONS .................................................................................... 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com