Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 9 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 9 Page - NEC

Back Button UPD6461 Datasheet HTML 5Page - NEC UPD6461 Datasheet HTML 6Page - NEC UPD6461 Datasheet HTML 7Page - NEC UPD6461 Datasheet HTML 8Page - NEC UPD6461 Datasheet HTML 9Page - NEC UPD6461 Datasheet HTML 10Page - NEC UPD6461 Datasheet HTML 11Page - NEC UPD6461 Datasheet HTML 12Page - NEC UPD6461 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
9
µPD6461, 6462
1.2 HOW TO SELECT MASK OPTIONS
To select mask options, use the option setting command (OC) of the Character Pattern Editor, a tool designed for editing
character pattern data.
Activate the Character Pattern Editor, then display the following setting menu:
OC (COMMAND INPUT)
OPTION DATA (0---LSB FAST
, 1---MSB FAST
) :
......... (1)
OPTION DATA (0---V:9H
, 1---V:3H
) :
......... (2)
OPTION DATA (0---RGB+3BLK , 1---RGB+VC1+VC2 ) :
......... (3)
OPTION DATA (0---OUTPUT 20 , 1---OUTPUT 21
) :
......... (4)
OPTION DATA (0---OUTPUT 10 , 1---OUTPUT 11
) :
......... (5)
OPTION DATA (0---EXT CLK
, 1---LC
) :
......... (6)
OPTION DATA (0---LC
, 1---EXT CLK
) :
......... (7)
Actually, the above menu is displayed one line at a time. Once you have selected an option, the next line is displayed.
Select 0 or 1 for lines (1), (2), (3), (6), and (7), according to the setting to be made. For the dot clock, however, make
the same settings (different values) for lines (6) and (7). For example, when selecting LC oscillation, select “LC” for both
lines (1 for (6) and 0 for (7)). Don’t select external clock input for lines (6) and/or (7).
When selecting the output distribution format, select the values on lines (4) and (5) as follows:
(4)
(5)
Option A
1(OUTPUT 21)
0(OUTPUT 10)
Option B
0(OUTPUT 20)
0(OUTPUT 10)
Option C
1(OUTPUT 21)
1(OUTPUT 11)
The settings are valid only when RGB+VC1+VC2 mode has been selected. Select option A (1, 0) when RGB+3BLK mode
has been selected.
The following table lists the correspondence between the command bits and the lines of the setting menu. Specify 0
or 1 for each bit.
D7
D6
D5
D4
D3
D2
D1
D0
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Command OD displays the result of the selection, as a hexadecimal number.
Example: When the mask options are selected as follows:
Mask option
Bit
Command
MSB first
D6
1
Specification in three-line units
D5
1
RGB+3BLK
D4
0
Option A (only option A can be
D3
1
specified in RGB+3BLK mode)
D2
0
LC oscillation
D1
1
D0
0
The command bits are set as follows:
D7
D6
D5
D4
D3
D2
D1
D0
01101010
→Command OD displays 6AH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com