Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 16 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 16 Page - NEC

Back Button UPD6461 Datasheet HTML 12Page - NEC UPD6461 Datasheet HTML 13Page - NEC UPD6461 Datasheet HTML 14Page - NEC UPD6461 Datasheet HTML 15Page - NEC UPD6461 Datasheet HTML 16Page - NEC UPD6461 Datasheet HTML 17Page - NEC UPD6461 Datasheet HTML 18Page - NEC UPD6461 Datasheet HTML 19Page - NEC UPD6461 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
16
µPD6461, 6462
1.4.3 Character Signal Output When Option C is Selected
Option C
The VC1 and VC2 bits of the output pin control command can be used to specify whether the characters in columns 0 to
11 of each row and those in columns 12 to 23 are output to the VC1 channel or to the VC2 channel.
Display example
TAPE
BATT
1/1000
AM 11:30
1991. 2.22
YOKOHAMA
BAY BRIDGE
0000
REC
011
12
23
Information that is also to be recorded
onto the video tape, such as date and title
Information that is only to be displayed,
such as alarms and tape count
Display in viewfinder
Output example with mask code option C specified
TAPE
BATT
1/1000
0000
REC
TAPE
BATT
1/1000
AM 11:30
1991. 2.22
YOKOHAMA
BAY BRIDGE
Characters output via VC2 channel
(specified characters)
Characters output via VC1 channel
(specified rows)
Characters output via RGB channel
(colored characters)
• The RGB channel does not output
the characters for which the VC2
channel has been specified.
• In the case of setting VC1 bit to 0, the
VC2 channel outputs the characters
of columns 0 to 11 in specified rows
for which the VC2 bit is set to 1, and
the rows for which the VC2 bit is set
to 0 are not output (the VC2 pin is
fixed to low level).
• In the case of setting VC1 bit to 1, the
VC2 channel outputs the characters
of columns 12 to 23 in specified rows
for which the VC2 bit is set to 0, or the
characters of columns 0 to 23 in
specified rows for which the VC2 bit is
set to 1.
• In the case of setting VC2 bit to 0, the
VC1 channel outputs the characters
of columns 0 to 23 in specified rows
for which the VC1 bit is set to 0, or the
characters of columns 0 to 11 in
specified rows for which the VC1 bit is
set to 1, excluding the characters for
which the VC2 channel specified.
• In the case of setting VC2 bit to 1, the
VC1 channel outputs the characters
of columns 12 to 23 in specified rows
for which the VC1 bit is set to 0, and
the rows for which the VC1 bit is set
to 1 are not output (the VC1 pin is
fixed to low level), excluding the
characters for which the VC2 channel
specified.
0000
REC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com