Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 17 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 17 Page - NEC

Back Button UPD6461 Datasheet HTML 13Page - NEC UPD6461 Datasheet HTML 14Page - NEC UPD6461 Datasheet HTML 15Page - NEC UPD6461 Datasheet HTML 16Page - NEC UPD6461 Datasheet HTML 17Page - NEC UPD6461 Datasheet HTML 18Page - NEC UPD6461 Datasheet HTML 19Page - NEC UPD6461 Datasheet HTML 20Page - NEC UPD6461 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
17
µPD6461, 6462
1.4.4 Display of VC2-Specified Characters
When the displayed character control command specifies the VC2 channel for a character, that character is not output
to the RGB or VC1 channel (display for the RGB and VC1 channels is usually the same as when display-off data is writtenNote).
If background display (overall/minimum) is specified for the RGB or VC1 channel, no background is displayed for those
characters for which the VC2 channel has been specified.
Note
In some cases, the display will differ slightly from the display-off data.
Display-
off data
Solid
data
Solid
data
Solid data: Character for which all 12
× 18 dots are filled
•
When display-off data is displayed for the RGB, VC1, or VC2 channel
If a character adjacent to the display-off data is rimmed or has a
background, the rim or background encroaches into the area for the display-
off data by one dot (minimum size). (The rim encroaches only at the filled
dots at the left or right edge of the rimmed character.)
•
Display of VC2-specified character area for the RGB or VC1 channel
If a character adjacent to a VC2-specified character is rimmed, the rim
encroaches into the area for the VC2-specified character by one dot (mini-
mum size).
If the adjacent character has a background, however, the
background does not encroach into the VC2-specified character area.
•
Display of VC2-specified character area for the VC2 channel
If a rimmed VC2-specified character is adjacent to another VC2-specified
character, the rim encroaches into the area for the latter VC2-specified
character. The background does not encroach into the adjacent area (The
rim encroaches only at the filled dots on the left or right edge of the rimmed
character).
•
When a VC2-specified character area exists at the right or left edge of the
entire display area
(The figure shows an area at the left edge. The case of an area at the
right edge is similar).
Encroachment of rim or background
(with a width of one dot for the minimum character size)
Encroachment of rim
Encroachment of background
(1) – (5)
(2) – (5)
Background does not encroach into the VC2-specified character area.
VC2-speci-
fied
character
area
Solid
data
Solid
data
(4)
(1)
Display-
off
data
Display-
off
data
Solid
data
Solid
data
Solid
data
VC2-speci-
fied
charac-
ter area
Solid
data
(3)
(5)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com